Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 25Page - Texas Instruments LP8733 Datasheet HTML 26Page - Texas Instruments LP8733 Datasheet HTML 27Page - Texas Instruments LP8733 Datasheet HTML 28Page - Texas Instruments LP8733 Datasheet HTML 29Page - Texas Instruments LP8733 Datasheet HTML 30Page - Texas Instruments LP8733 Datasheet HTML 31Page - Texas Instruments LP8733 Datasheet HTML 32Page - Texas Instruments LP8733 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
Table 7-4. Summary of Interrupt Signals
EVENT
DEVICE RESPONSE
INTERRUPT BIT
INTERRUPT MASK BIT
STATUS BIT
RECOVERY AND INTERRUPT
CLEAR
Buck current limit triggered
No effect
BUCK_INT
BUCKx_ILIM_INT
BUCKx_ILIM_MASK
BUCKx_ILIM_STAT
Write 1 to the BUCKx_ILIM_INT
bit.
Interrupt is not cleared if the
current limit is active
LDO current limit triggered
No effect
LDO_INT
LDOx_ILIM_INT
LDOx_ILIM_MASK
LDOx_ILIM_STAT
Write 1 to the LDOx_ILIM_INT bit
Interrupt is not cleared if the
current limit is active
Buck short circuit (VVOUT <
0.35 V at 1 ms after enable)
or overload (VVOUT decreasing
below 0.35 V during operation,
1-ms debounce)
Regulator disable
BUCK_INT
BUCKx_SC_INT
N/A
N/A
Write 1 to the BUCKx_SC_INT bit
LDO short circuit (VVOUT <
0.3 V at 1 ms after enable)
or overload (VVOUT decreasing
below 0.3 V during operation,
1-ms debounce)
Regulator disable
LDO_INT
LDOx_SC_INT
N/A
N/A
Write 1 to the LDOx_SC_INT bit
Thermal warning
No effect
TDIE_WARN_INT
TDIE_WARN_MASK
TDIE_WARN_STAT
Write 1 to tge TDIE_WARN_INT
bit
Interrupt is not cleared if the
temperature is above the thermal
warning level
Thermal shutdown
All the regulators are
disabled immediately, and
the GPO and GPO2 are
set to low
TDIE_SD_INT
N/A
TDIE_SD_STAT
Write 1 to the TDIE_SD_INT bit
Interrupt is not cleared if the
temperature is above the thermal
shutdown level
VANA overvoltage (VANAOVP)
All the regulators are
disabled immediately, and
the GPO and GPO2 are
set to low
OVP_INT
N/A
OVP_STAT
Write 1 to the OVP_INT bit
Interrupt is not cleared if the VANA
voltage is above the VANAOVP
level
Buck power good, output
voltage becomes valid
No effect
BUCK_INT
BUCKx_PG_INT
BUCKx_PGR_MASK
BUCKx_PG_STAT
Write 1 to the BUCKx_PG_INT bit
Buck power good, output
voltage becomes invalid
No effect
BUCK_INT
BUCKx_PG_INT
BUCKx_PGF_MASK
BUCKx_PG_STAT
Write 1 to the BUCKx_PG_INT bit
LDO Power good, output
voltage becomes valid
No effect
LDO_INT
LDOx_PG_INT
LDOx_PGR_MASK
LDOx_PG_STAT
Write 1 to the LDOx_PG_INT bit
LDO power good, output
voltage becomes invalid
No effect
LDO_INT
LDOx_PG_INT
LDOx_PGF_MASK
LDOx_PG_STAT
Write 1 to the LDOx_PG_INT bit
PGOOD pin changing from
active to inactive state(1)
No effect
PGOOD_INT
PGOOD_MASK
PGOOD_STAT
Write 1 to the PGOOD_INT bit
External clock appears or
disappears
No effect to regulators
SYNC_CLK_INT(2)
SYNC_CLK_MASK
SYNC_CLK_STAT
Write 1 to the SYNC_CLK_INT bit
Load current measurement is
ready
No effect
I_MEAS_INT
I_MEAS_MASK
N/A
Write 1 to the I_MEAS_INT bit
Supply voltage VANAUVLO
triggered (VANA falling)
Immediate shutdown and
the registers reset to
default values
N/A
N/A
N/A
N/A
Supply voltage VANAUVLO
triggered (VANA rising)
Startup and the registers
reset to default values
and the OTP bits are
loaded
RESET_REG_INT
RESET_REG_MASK
N/A
Write 1 to the RESET_REG_INT
bit
Software requested reset
Immediate shutdown is
followed by power up and
the registers are reset to
their default values
RESET_REG_INT
RESET_REG_MASK
N/A
Write 1 to the RESET_REG_INT
bit
(1)
The PGOOD_STAT bit is 1 when the PGOOD pin shows valid voltages. The PGOOD_POL bit in the PGOOD_CTRL_1 register affects
only the PGOOD pin polarity, not the Power Good and PGOOD_INT interrupt polarity.
(2)
If the clock is not available when the clock detector is enabled, then an interrupt is generated during the clock-dector operation.
www.ti.com
LP8733-Q1
SNVSB64A – JUNE 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LP8733-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com