Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 52 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 48Page - Texas Instruments LP8733 Datasheet HTML 49Page - Texas Instruments LP8733 Datasheet HTML 50Page - Texas Instruments LP8733 Datasheet HTML 51Page - Texas Instruments LP8733 Datasheet HTML 52Page - Texas Instruments LP8733 Datasheet HTML 53Page - Texas Instruments LP8733 Datasheet HTML 54Page - Texas Instruments LP8733 Datasheet HTML 55Page - Texas Instruments LP8733 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 86 page
background image
PGOOD_POL
PGOOD_OD
PGOOD_
WINDOW_LDO
PGOOD_
WINDOW_BUC
K
EN_PGOOD_L
DO1
EN_PGOOD_L
DO0
EN_PGOOD_B
UCK1
EN_PGOOD_B
UCK0
Table 7-51. PGOOD_CTRL_1 Register Field Descriptions
Bits
Field
Type
Default
Description
7
PGOOD_POL
R/W
X
PGOOD signal polarity:
0 - PGOOD signal high when the monitored outputs are valid.
1 - PGOOD signal low when the monitored outputs are valid.
6
PGOOD_OD
R/W
X
PGOOD signal type:
0 - Push-pull output (VANA level)
1 - Open-drain output
5
PGOOD_
WINDOW_LDO
R/W
X
LDO Output voltage monitoring method for the PGOOD signal:
0 - Only undervoltage monitoring
1 - Overvoltage and undervoltage monitoring
4
PGOOD_
WINDOW_BUCK
R/W
X
Buck Output voltage monitoring method for the PGOOD signal:
0 - Only undervoltage monitoring
1 - Overvoltage and undervoltage monitoring
3
EN_PGOOD_LDO1
R/W
X
PGOOD signal source control from LDO1:
0 - LDO1 is not monitored.
1 - LDO1 Power-Good threshold voltage is monitored.
2
EN_PGOOD_LDO0
R/W
X
PGOOD signal source control from theLDO0:
0 - LDO0 is not monitored.
1 - LDO0 Power-Good threshold voltage is monitored.
1
EN_PGOOD_BUCK
1
R/W
X
PGOOD signal source control from the Buck1:
0 - Buck1 is not monitored.
1 - Buck1 Power-Good threshold voltage is monitored.
0
EN_PGOOD_BUCK
0
R/W
X
PGOOD signal source control from the Buck0:
0 - Buck0 is not monitored.
1 - Buck0 Power-Good threshold voltage is monitored.
7.6.1.23 PGOOD_CTRL_2
PGOOD_CTRL_2 is shown in Table 7-53, Address: 0x16
Table 7-52. PGOOD_CTRL_2 Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved - do not use
EN_PGOOD_T
WARN
PG_FAULT_GA
TES_PGOOD
PGOOD_MOD
E
Table 7-53. PGOOD_CTRL_2 Register Field Descriptions
Bits
Field
Type
Default
Description
7:3
Reserved - do not
use
R/W
0 0000
2
EN_PGOOD_TWA
RN
R/W
X
Thermal warning control for the PGOOD signal:
0 - Thermal warning is not monitored.
1 - PGOOD inactive if the thermal warning flag is active.
1
PG_FAULT_GATES
_PGOOD
R/W
X
Type of operation for the PGOOD signal:
0 - Indicates live status of monitored voltage outputs.
1 - Indicates status of the PG_FAULT register, inactive when at least one
PG_FAULT_x bit is inactive.
0
PGOOD_MODE
R/W
X
Operating mode for the PGOOD signal:
0 - Gated mode
1 - Continuous mode
7.6.1.24 PG_FAULT
PG_FAULT is shown in Table 7-55, Address: 0x17
LP8733-Q1
SNVSB64A – JUNE 2019 – REVISED JUNE 2021
www.ti.com
52
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8733-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com