Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3911B Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 104Page - STMicroelectronics ST25R3911B Datasheet HTML 105Page - STMicroelectronics ST25R3911B Datasheet HTML 106Page - STMicroelectronics ST25R3911B Datasheet HTML 107Page - STMicroelectronics ST25R3911B Datasheet HTML 108Page - STMicroelectronics ST25R3911B Datasheet HTML 109Page - STMicroelectronics ST25R3911B Datasheet HTML 110Page - STMicroelectronics ST25R3911B Datasheet HTML 111Page - STMicroelectronics ST25R3911B Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 116 page
background image
Revision history
Table 105. Document revision history
Date
Revision
Changes
26-Sep-2016
1
Initial release.
16-Dec-2016
2
Updated document title, and image on cover page
Updated Features and Description.
Updated Section 1 Functional overview, Section 1.1.1 Transmitter, Section 1.1.2 Receiver,
Section 1.1.3 Phase and amplitude detector, Section 1.1.5 Capacitive sensor, Section
1.1.7 Quartz crystal oscillator, Section 1.1.8 Power supply regulators, Section 1.1.9 POR
and Bias, Section 1.1.10 RC oscillator and Wake-Up timer, Section 1.2.2 Transmitter,
Demodulation stage, Filtering and gain stages, Digitizing stage, Squelch, Receiver in NFCIP-1
active communication mode, Section 1.2.5 Wake-up mode, Auto-averaging, Section
1.2.8 A/D converter, Section 1.2.12 Communication with an external microcontroller and
Section 4.1 QFN32 package information.
Added Section 1.2.13 Direct commands.
Updated Table 11. Register preset bits, Table 18. Registers map. Table 19. IO configuration
register 1, Table 22. Mode definition register, Table 29. ISO14443B settings register 1,
Table 35. Auxiliary definition register, Table 37. Receiver configuration register 2,
Table 38. Receiver configuration register 3, Table 43. General purpose and no-response timer
control register, Table 47. Mask main interrupt register, Table 48. Mask timer and NFC
interrupt register, Table 49. Mask error and wake-up interrupt register, Table 52. Error and
wake-up interrupt register, Table 54. FIFO status register 2, Table 55. Collision display
register, Table 57. Number of transmitted bytes register 2, Table 60. Antenna calibration
control register, Table 65. RFO AM modulated level definition register, Table 66. RFO normal
level definition register, Table 67. External field detector threshold register,
Table 70. Regulator voltage control register, Table 71. Regulator and timer display register,
Table 73. RSSI display register, Table 78. Auxiliary display register, Table 81. Amplitude
measurement configuration register, Table 85. Phase measurement configuration register,
Table 93. IC identity register, Table 96. Electrostatic discharge, Table 101. Electrical
specifications and Section 5 Ordering information.
Removed footnote from Table 31. Minimum TR1 codings.
Updated Figure 4. Receiver block diagramin Section 1.2.3 Receiver, figure
Figure 8. ST25R3911B power supply, Section 1.2.12 Communication with an external
microcontroller, Section 1.2.13 Direct commands, Section 1.2.21 Antenna tuning and
Figure 32. QFN32 package outline.
19-Jul-2017
3
Updated Features, Description, Clear, FIFO water level and FIFO status registers, and
Section 1.2.15 Test access and Section 1.3.62 IC identity register.
Updated , Table 6. SPI operation modes, Table 9. Direct commands, Table 17. Setting mod
bits, Table 54. FIFO status register 2 and its footnotes, Table 74. RSSI and Table 93. IC
identity register and Table 101. Electrical specifications.
26-Feb-2018
4
Updated Table 2. Low pass controlTable 6. SPI operation modes, Table 9. Direct commands
and Table 27. ISO14443A and NFC 106kb/s settings register
Updated Example and Table 93. IC identity register.
Updated title and note of Section 5 Ordering information.
28-Jan-2019
5
Updated:
•
Table 4. Recommended blocking capacitor values
Added:
•
Table 14. FeliCa™ frame format
16-Apr-2020
6
Updated:
•
Figure 2. Minimum configuration with single sided antenna driving (including EMC filter)
Added:
•
Section 4.2 VFQFPN32 package information
ST25R3911B
DS11793 - Rev 6
page 108/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com