Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3911B Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 106Page - STMicroelectronics ST25R3911B Datasheet HTML 107Page - STMicroelectronics ST25R3911B Datasheet HTML 108Page - STMicroelectronics ST25R3911B Datasheet HTML 109Page - STMicroelectronics ST25R3911B Datasheet HTML 110Page - STMicroelectronics ST25R3911B Datasheet HTML 111Page - STMicroelectronics ST25R3911B Datasheet HTML 112Page - STMicroelectronics ST25R3911B Datasheet HTML 113Page - STMicroelectronics ST25R3911B Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 116 page
background image
1.2.15
Test access ............................................................ 35
1.2.16
Power-up sequence ..................................................... 36
1.2.17
Reader operation ....................................................... 36
1.2.18
FeliCa™ reader mode.................................................... 41
1.2.19
NFCIP-1 operation ...................................................... 42
1.2.20
AM modulation depth: definition and calibration ................................ 46
1.2.21
Antenna tuning ......................................................... 48
1.2.22
Stream mode and transparent mode......................................... 50
1.3
Registers .................................................................... 52
1.3.1
IO configuration register 1 ................................................. 55
1.3.2
IO configuration register 2 ................................................. 56
1.3.3
Operation control register ................................................. 57
1.3.4
Mode definition register................................................... 58
1.3.5
Bit rate definition register ................................................. 59
1.3.6
ISO14443A and NFC 106kb/s settings register ................................. 60
1.3.7
ISO14443B settings register 1 ............................................. 61
1.3.8
ISO14443B and FeliCa settings register ...................................... 62
1.3.9
Stream mode definition register ............................................ 63
1.3.10
Auxiliary definition register ................................................ 64
1.3.11
Receiver configuration register 1............................................ 64
1.3.12
Receiver configuration register 2............................................ 65
1.3.13
Receiver configuration register 3............................................ 66
1.3.14
Receiver configuration register 4............................................ 66
1.3.15
Mask receive timer register ................................................ 67
1.3.16
No-response timer register 1............................................... 68
1.3.17
No-response timer register 2............................................... 68
1.3.18
General purpose and no-response timer control register.......................... 69
1.3.19
General purpose timer register 1............................................ 70
1.3.20
General purpose timer register 2............................................ 70
1.3.21
Mask main interrupt register ............................................... 71
1.3.22
Mask timer and NFC interrupt register ....................................... 71
1.3.23
Mask error and wake-up interrupt register..................................... 72
ST25R3911B
Contents
DS11793 - Rev 6
page 110/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com