Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3911B Datasheet(PDF) 113 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 113 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 108Page - STMicroelectronics ST25R3911B Datasheet HTML 109Page - STMicroelectronics ST25R3911B Datasheet HTML 110Page - STMicroelectronics ST25R3911B Datasheet HTML 111Page - STMicroelectronics ST25R3911B Datasheet HTML 112Page - STMicroelectronics ST25R3911B Datasheet HTML 113Page - STMicroelectronics ST25R3911B Datasheet HTML 114Page - STMicroelectronics ST25R3911B Datasheet HTML 115Page - STMicroelectronics ST25R3911B Datasheet HTML 116Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 113 / 116 page
background image
List of tables
Table 1.
First and third stage zero setting ......................................................... 8
Table 2.
Low pass control .................................................................... 9
Table 3.
Receiver filter selection and gain range..................................................... 9
Table 4.
Recommended blocking capacitor values .................................................. 17
Table 5.
Serial data interface (4-wire interface) signal lines ............................................ 19
Table 6.
SPI operation modes ................................................................ 20
Table 7.
SPI timing ........................................................................ 24
Table 8.
IRQ output ....................................................................... 25
Table 9.
Direct commands................................................................... 27
Table 10.
Timing parameters of NFC Field ON commands ............................................. 30
Table 11.
Register preset bits ................................................................. 31
Table 12.
Analog Test and Observation Register .................................................... 35
Table 13.
Test Access Register - tana signal selection of CSI and CSO pins ................................. 36
Table 14.
FeliCa™ frame format ............................................................... 41
Table 15.
Operation mode/bit rate setting for NFCIP-1 passive communication ............................... 42
Table 16.
Operation mode/bit rate setting for NFCIP-1 active communication initiator ........................... 43
Table 17.
Setting mod bits.................................................................... 47
Table 18.
Registers map ..................................................................... 53
Table 19.
IO configuration register 1 ............................................................. 55
Table 20.
IO configuration register 2 ............................................................. 56
Table 21.
Operation control register ............................................................. 57
Table 22.
Mode definition register .............................................................. 58
Table 23.
Initiator operation modes.............................................................. 58
Table 24.
Target operation modes .............................................................. 58
Table 25.
Bit rate definition register ............................................................. 59
Table 26.
Bit rate coding ..................................................................... 59
Table 27.
ISO14443A and NFC 106kb/s settings register .............................................. 60
Table 28.
ISO14443A modulation pulse width ...................................................... 60
Table 29.
ISO14443B settings register 1 .......................................................... 61
Table 30.
ISO14443B and FeliCa settings register ................................................... 62
Table 31.
Minimum TR1 codings ............................................................... 62
Table 32.
Stream mode definition register ......................................................... 63
Table 33.
Sub-carrier frequency definition for Sub-Carrier and BPSK Stream Mode ............................ 63
Table 34.
Definition of time period for Stream Mode Tx Modulator Control ................................... 63
Table 35.
Auxiliary definition register ............................................................ 64
Table 36.
Receiver configuration register 1 ........................................................ 64
Table 37.
Receiver configuration register 2 ........................................................ 65
Table 38.
Receiver configuration register 3 ........................................................ 66
Table 39.
Receiver configuration register 4 ........................................................ 66
Table 40.
Mask receive timer register ............................................................ 67
Table 41.
No-response timer register 1 ........................................................... 68
Table 42.
No-response timer register 2 ........................................................... 68
Table 43.
General purpose and no-response timer control register ........................................ 69
Table 44.
Timer trigger source ................................................................. 69
Table 45.
General purpose timer register 1 ........................................................ 70
Table 46.
General purpose timer register 2 ........................................................ 70
Table 47.
Mask main interrupt register ........................................................... 71
Table 48.
Mask timer and NFC interrupt register .................................................... 71
Table 49.
Mask error and wake-up interrupt register .................................................. 72
Table 50.
Main interrupt register................................................................ 72
Table 51.
Timer and NFC Interrupt Register........................................................ 73
Table 52.
Error and wake-up interrupt register ...................................................... 73
ST25R3911B
List of tables
DS11793 - Rev 6
page 113/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com