Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3911B Datasheet(PDF) 115 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 115 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 108Page - STMicroelectronics ST25R3911B Datasheet HTML 109Page - STMicroelectronics ST25R3911B Datasheet HTML 110Page - STMicroelectronics ST25R3911B Datasheet HTML 111Page - STMicroelectronics ST25R3911B Datasheet HTML 112Page - STMicroelectronics ST25R3911B Datasheet HTML 113Page - STMicroelectronics ST25R3911B Datasheet HTML 114Page - STMicroelectronics ST25R3911B Datasheet HTML 115Page - STMicroelectronics ST25R3911B Datasheet HTML 116Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 115 / 116 page
background image
List of figures
Figure 1.
ST25R3911B block diagram ........................................................... 2
Figure 2.
Minimum configuration with single sided antenna driving (including EMC filter) ........................ 5
Figure 3.
Minimum configuration with differential antenna driving (including EMC filter) ......................... 5
Figure 4.
Receiver block diagram .............................................................. 7
Figure 5.
Capacitive sensor block diagram....................................................... 11
Figure 6.
Phase detector inputs and output in case of 90º phase shift .................................... 16
Figure 7.
Phase detector inputs and output in case of 135º phase shift ................................... 16
Figure 8.
ST25R3911B power supply .......................................................... 17
Figure 9.
Exchange of signals with microcontroller ................................................. 20
Figure 10.
SPI communication: writing a single byte ................................................. 21
Figure 11.
SPI communication: writing multiple bytes ................................................ 21
Figure 12.
SPI communication: reading a single byte ................................................ 22
Figure 13.
SPI communication: loading of FIFO .................................................... 22
Figure 14.
SPI communication: reading of FIFO .................................................... 23
Figure 15.
SPI communication: direct command.................................................... 23
Figure 16.
SPI communication: direct command chaining ............................................. 24
Figure 17.
SPI general timing................................................................. 24
Figure 18.
SPI read timing................................................................... 25
Figure 19.
Direct command NFC Initial Field ON ................................................... 29
Figure 20.
Direct command NFC response field ON ................................................. 30
Figure 21.
ISO14443A states for PCD and PICC ................................................... 38
Figure 22.
Selection of MRT and NRT for a given FDT ............................................... 39
Figure 23.
Flowchart for ISO14443A anticollision with ST25R3911B ...................................... 41
Figure 24.
Transport frame format according to NFCIP-1.............................................. 43
Figure 25.
Connection of tuning capacitors to the antenna LC tank ....................................... 49
Figure 26.
Example of sub-carrier stream mode for scf = 01b and scp = 10b ................................ 51
Figure 27.
Example of BPSK stream mode for scf = 01b and scp = 10b ................................... 52
Figure 28.
Example of Tx in stream mode for stx = 000b and OOK modulation............................... 52
Figure 29.
ST25R3911B QFN32 pinout ......................................................... 96
Figure 30.
TCASE vs. power with different copper area at Tamb = 25°C.................................... 102
Figure 31.
RthCA vs. copper area ............................................................. 102
Figure 32.
QFN32 package outline ............................................................ 103
Figure 33.
VFQFPN - 32 pins, 5x5 mm, 0.5 mm pitch, very thin fine pitch quad flat no lead package outline.......... 105
Figure 34.
VFQFPN - 32 pins, 5x5 mm, 0.5 mm pitch, very thin fine pitch quad flat no lead recommended footprint .... 106
ST25R3911B
List of figures
DS11793 - Rev 6
page 115/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com