Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3911B Datasheet(PDF) 114 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 114 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 108Page - STMicroelectronics ST25R3911B Datasheet HTML 109Page - STMicroelectronics ST25R3911B Datasheet HTML 110Page - STMicroelectronics ST25R3911B Datasheet HTML 111Page - STMicroelectronics ST25R3911B Datasheet HTML 112Page - STMicroelectronics ST25R3911B Datasheet HTML 113Page - STMicroelectronics ST25R3911B Datasheet HTML 114Page - STMicroelectronics ST25R3911B Datasheet HTML 115Page - STMicroelectronics ST25R3911B Datasheet HTML 116Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 114 / 116 page
background image
Table 53.
FIFO status register 1................................................................ 74
Table 54.
FIFO status register 2................................................................ 74
Table 55.
Collision display register .............................................................. 75
Table 56.
Number of transmitted bytes register 1 .................................................... 76
Table 57.
Number of transmitted bytes register 2 .................................................... 76
Table 58.
NFCIP bit rate detection display register ................................................... 77
Table 59.
A/D converter output register ........................................................... 77
Table 60.
Antenna calibration control register ...................................................... 78
Table 61.
Antenna calibration target register ....................................................... 78
Table 62.
Antenna calibration display register ...................................................... 79
Table 63.
AM modulation depth control register ..................................................... 79
Table 64.
AM modulation depth display register ..................................................... 80
Table 65.
RFO AM modulated level definition register ................................................. 81
Table 66.
RFO normal level definition register ...................................................... 81
Table 67.
External field detector threshold register ................................................... 82
Table 68.
Peer detection threshold as seen on RFI1 input .............................................. 82
Table 69.
Collision avoidance threshold as seen on RFI1 input .......................................... 83
Table 70.
Regulator voltage control register........................................................ 83
Table 71.
Regulator and timer display register ...................................................... 84
Table 72.
Regulated voltages ................................................................. 84
Table 73.
RSSI display register ................................................................ 85
Table 74.
RSSI ........................................................................... 85
Table 75.
Gain reduction state register ........................................................... 86
Table 76.
Capacitive sensor control register ....................................................... 86
Table 77.
Capacitive sensor display register ....................................................... 87
Table 78.
Auxiliary display register .............................................................. 87
Table 79.
Wake-up timer control register .......................................................... 88
Table 80.
Typical wake-up time ................................................................ 88
Table 81.
Amplitude measurement configuration register............................................... 89
Table 82.
Amplitude measurement reference register ................................................. 89
Table 83.
Amplitude measurement auto-averaging display register........................................ 90
Table 84.
Amplitude measurement display register ................................................... 90
Table 85.
Phase measurement configuration register ................................................. 91
Table 86.
Phase measurement reference register ................................................... 91
Table 87.
Phase measurement auto-averaging display register .......................................... 92
Table 88.
Phase measurement display register ..................................................... 92
Table 89.
Capacitance measurement configuration register ............................................. 93
Table 90.
Capacitance measurement reference register ............................................... 93
Table 91.
Capacitance measurement auto-averaging display register ...................................... 94
Table 92.
Capacitance measurement display register ................................................. 94
Table 93.
IC identity register .................................................................. 95
Table 94.
ST25R3911B pin definitions - QFN32 package .............................................. 96
Table 95.
Electrical parameters ................................................................ 98
Table 96.
Electrostatic discharge ............................................................... 98
Table 97.
Temperature ranges and storage conditions ................................................ 98
Table 98.
Operating conditions ................................................................ 99
Table 99.
CMOS inputs...................................................................... 99
Table 100. CMOS outputs.................................................................... 100
Table 101. Electrical specifications.............................................................. 100
Table 102. QFN32 5 mm x 5 mm dimensions ...................................................... 104
Table 103. VFQFPN - 32 pins, 5x5 mm, 0.5 mm pitch, very thin fine pitch quad flat no lead mechanical data ........... 105
Table 104. Ordering information scheme.......................................................... 107
Table 105. Document revision history ............................................................ 108
ST25R3911B
List of tables
DS11793 - Rev 6
page 114/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com