Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8308CVMADDA Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC8308CVMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308CVMADDA Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC8308CVMADDA Datasheet HTML 1Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 2Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 3Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 4Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 5Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 6Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 7Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 8Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
4
Freescale Semiconductor
Electrical Characteristics
Table 2. Recommended operating conditions
Characteristic
Symbol
Recommended Value1
1 GV
DD, NVDD, AVDD, and VDD must track each other and must vary in the same direction—either in the positive or negative
direction.
Unit
SerDes internal digital power
XCOREVDD
1.0 V ± 50 mV
V
SerDes internal digital power
XCOREVSS
0.0
V
SerDes I/O digital power
XPADVDD
1.0 V ± 50 mV
V
SerDes analog power for PLL
SDAVDD
1.0 V ± 50 mV
V
SerDes analog power for PLL
SDAVSS
0V
SerDes I/O digital power
XPADVSS
0V
Core supply voltage
VDD
1.0V±50mV
V
Analog supply for e300 core APLL2
2 This voltage is the input to the filter discussed in Section 23.2, “PLL Power Supply Filtering,” and not necessarily the voltage
at the AVDD pin, which may be reduced from VDD by the filter.
AVDD1
1.0V±50mV
V
Analog supply for system APLL2
AVDD2
1.0V±50mV
V
DDR2 DRAM I/O voltage
GVDD
1.8 V ± 100 mV
V
Differential reference voltage for DDR controller
MVREF
GVDD/2 (0.49
 GV
DD to
0.51
 GV
DD)
V
Standard I/O voltage (Local bus, DUART, system control and power
management, eSDHC, USB, I2C, Interrupt, Ethernet management,
SPI, Miscellaneous and JTAG I/O voltage)3
3 NV
DD here refers to NVDDA, NVDDB,NVDDG, NVDDH, NVDDJ and NVDDP_K from the ball map.
NVDD
3.3 V ± 300 mV
V
eTSEC IO supply4,5
4 The max value of supply voltage should be selected based on the RGMII mode. The lower range applies to RGMII mode.
5 LV
DD1 here refers to NVDDC and LVDD2 refers to NVDDF from the ball map.
LVDD1, LVDD2
2.5 V ± 125 mV
3.3 V ± 300 mV
V
Analog and digital ground
VSS
0.0
V
Operating temperature range6
6 Minimum temperature is specified with T
A; Maximum temperature is specified with TJ.
TA/TJ
Standard = 0 to 105
Extended = -40 to 105
C
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com