Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8308CVMADDA Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPC8308CVMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308CVMADDA Datasheet(HTML) 5 Page - NXP Semiconductors

  MPC8308CVMADDA Datasheet HTML 1Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 2Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 3Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 4Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 5Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 6Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 7Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 8Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
Freescale Semiconductor
5
Electrical Characteristics
This figure shows the undershoot and overshoot voltages at the interfaces of the device.
Figure 2. Overshoot/Undershoot Voltage for GVDD/NVDD/LVDD
2.1.3
Output driver characteristics
This table provides information on the characteristics of the output driver strengths.
2.1.4
Power sequencing
It is required to apply the core supply voltage (VDD) before the I/O supply voltages (GVDD, LVDD, and
NVDD) and assert PORESET before the power supplies fully ramp up. The core voltage supply must rise
to 90% of its nominal value before the I/O supplies reach 0.7 V; see Figure 3.
If this recommendation is not observed and I/O voltages are supplied before the core voltage, there might
be a period of time that all input and output pins are actively driven and cause contention and excessive
current. To overcome side effects of this condition, the application environment may require tuning of
external pull-up or pull-down resistors on particular signals to lesser values.
Table 3. Output Drive Capability
Driver Type
Output Impedance ()
Supply Voltage
Local bus interface utilities signals
42
NVDD = 3.3 V
DDR2 signals1
1 Output Impedance can also be adjusted through configurable options in DDR Control Driver Register (DDRCDR).
For more information, see the MPC8308 PowerQUICC II Pro Processor Reference Manual.
18
GVDD = 1.8 V
DUART, system control, I2C, JTAG, eSDHC, GPIO,SPI, USB
42
NVDD = 3.3 V
eTSEC signals
42
LVDD = 2.5/3.3 V
VSS
VSS – 0.3 V
VSS – 0.7 V
Not to Exceed 10%
G/L/NVDD + 20%
G/L/NVDD
G/L/NVDD + 5%
of tinterface
1
1. tinterface refers to the clock period associated with the bus clock interface.
VIH
VIL
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com