Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F024XU Datasheet(PDF) 23 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 23 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 19Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 20Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 22Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 27Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
23
7.5
7.5
7.5
7.5 System
System
System
System Clock
Clock
Clock
Clock and
and
and
and Oscillator
Oscillator
Oscillator
Oscillator
7.5.1
7.5.1
7.5.1
7.5.1 F
F
F
Feature
eature
eature
eature
�
Three oscillator types: crystal oscillator, ceramic oscillator and interal RC
�
Built-in system clock prescaler
7.5.2
7.5.2
7.5.2
7.5.2 Clock
Clock
Clock
Clock Definition
Definition
Definition
Definition
The SH79F082 have several internal clocks defined as below:
OSCCLK
OSCCLK
OSCCLK
OSCCLK:::: the oscillator clock from one of the three oscillator types (crystal oscillator, ceramic oscillator and interal RC) fOSC
is defined as the OSCCLK frequency. tOSC is defined as the OSCCLK period.
WDTCLK
WDTCLK
WDTCLK
WDTCLK:::: the internal WDT RC clock. fWDT is defined as the WDTCLK frequency. tWDT is defined as the WDTCLK period.
SYSCLK
SYSCLK
SYSCLK
SYSCLK:::: system clock, the output of system clock prescaler. It is the CPU instruction clock. fSYS is defined as the SYSCLK
frequency. tSYS is defined as the SYSCLK period.
Description
Description
Description
Description
SH79F082 has three oscillator types: crystal oscillator (400kHz-16.6MHz), ceramic Oscillator (400kHz-16.6MHz) and interal
RC (16.6MHz), which is selected by code option OP_OSC (Refer to code option section for details). The oscillator generates
the basic clock pulse that provides the system clock to supply CPU and on-chip peripherals.
Table
Table
Table
Table 7
7
7
7....13
13
13
13 System Clock Control Register
Note:
Note:
Note:
Note: systerm clock is 1/12 of oscillator clock, when reset. It can be modified by software.
B2H
B2H
B2H
B2H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
CLKCON
CLKCON
CLKCON
CLKCON
-
CLKS1
CLKS0
-
-
-
-
-
R/W
R/W
R/W
R/W
-
R/W
R/W
-
-
-
-
-
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
-
1
1
-
-
-
-
-
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
6-5
6-5
6-5
6-5
CLKS[1:0]
CLKS[1:0]
CLKS[1:0]
CLKS[1:0]
System
System
System
System Clock
Clock
Clock
Clock p
p
p
prescale
rescale
rescale
rescalerrrr
00: fSYS = fOSC
01: fSYS = fOSC/2
10: fSYS = fOSC/4
11: fSYS = fOSC/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com