Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F024XU Datasheet(PDF) 66 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 66 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 62Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 69Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 70Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
66
8.
8.
8.
8.3
3
3
3 Analog
Analog
Analog
Analog Digital
Digital
Digital
Digital Converter
Converter
Converter
Converter (ADC)
(ADC)
(ADC)
(ADC)
8.
8.
8.
8.3
3
3
3.1
.1
.1
.1 Feature
Feature
Feature
Feature
�
10-bit Resolution
�
Build in VREF
�
�
�
�
Selectable external or built-in VREF
�
�
�
�
6 Multiplexed Input Channels
The SH79F082 include a single ended, 10-bit SAR Analog to Digital Converter (ADC) with build in reference voltage
connected to the VDD, users also can select the VREF pin input reference voltage. The 6 ADC channels are shared with 1 ADC
module; each channel can be programmed to connect with the analog input individually. Only one channel can be available
at one time. GO/DONE
————
signal is available to start convert, and indicate end of convert. When conversion is completed, the
data in AD convert data register will be updated and ADCIF bit in ADCON register will be set. If ADC Interrupt is enabled, the
ADC interrupt will generate.
The ADC integrates a digital compare function to compare the value of analog input with the digital value in the AD converter.
If this function is enabled (set EC bit in ADCON register) and ADC module is enabled (set ADON bit in ADCON register).
When the corresponding digital value of analog input is larger than the value in compare value register (ADDH/L), the ADC
interrupt will occur, otherwise no interrupt will be generated. The digital comparator can work continuously when GO/DONE
————
bit is set until software clear, which behaviors different with the AD converter operation mode.
The ADC module including digital compare module can wok in Idle mode and the ADC interrupt will wake up the Idle mode,
but is disabled in Power-Down mode.
8.
8.
8.
8.3
3
3
3.2
.2
.2
.2 ADC
ADC
ADC
ADC Diagram
Diagram
Diagram
Diagram
Input
Voltag e
SCH2~SCH0
ADC
AN0
AN1
AN2
000
111
AN4
VDD
Input reference voltag e
REFC
0
1
AN3
REFC
0
1
OPOUT
CH4~CH0
OPOUT
001
010
011
100
ADC
ADC
ADC
ADC Diagram
Diagram
Diagram
Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com