Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F024XU Datasheet(PDF) 89 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 89 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 90Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 91Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 92Page - SINOWEALTH Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
89
12.
12.
12.
12. Package
Package
Package
Package Information
Information
Information
Information
TSSOP24
TSSOP24
TSSOP24
TSSOP24 Outline
Outline
Outline
Outline Dimensions
Dimensions
Dimensions
Dimensions
unit: inches/mm
Symbol
Symbol
Symbol
Symbol
Dimensions
Dimensions
Dimensions
Dimensions in
in
in
in inches
inches
inches
inches
Dimensions
Dimensions
Dimensions
Dimensions in
in
in
in mm
mm
mm
mm
MIN
MIN
MIN
MIN
NOM
NOM
NOM
NOM
MAX
MAX
MAX
MAX
MIN
MIN
MIN
MIN
NOM
NOM
NOM
NOM
MAX
MAX
MAX
MAX
A
---
---
0.048
---
---
1.20
A1111
0.002
---
0.006
0.05
---
0.15
A2222
0.031
---
0.041
0.80
---
1.05
b
0.007
---
0.012
0.19
---
0.30
C
0.004
---
0.008
0.09
---
0.20
D
0.303
---
0.311
7.70
---
7.90
E
0.246
---
0.258
6.25
---
6.55
E1
0.169
---
0.177
4.30
---
4.50
e
0.026BSC
---
---
0.65BSC
---
L
0.018
---
0.030
0.45
---
0.75
θ
0°
---
8°
0°
---
8°
L1
---
0.039REF
---
---
1.0REF
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com