Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F024XU Datasheet(PDF) 14 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 14 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 10Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 11Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 12Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 13Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 14Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 15Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 16Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 17Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 18Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
14
7.1.2
7.1.2
7.1.2
7.1.2 Enhanced
Enhanced
Enhanced
Enhanced C
C
C
CPU
PU
PU
PU C
C
C
Core
ore
ore
ore SFRs
SFRs
SFRs
SFRs
�
Extended 'MUL' and 'DIV' instructions: 16bit*8bit, 16bit/8bit
�
Dual Data Pointer
�
Enhanced CPU core registers: AUXC, DPL1, DPH1, INSCON
The SH79F082 has modified 'MUL' and 'DIV' instructions. These instructions support 16 bit operand. A new register - the
register is applied to hold the upper part of the operand/result.
The AUXC register is used during 16 bit operand multiply and divide operations. For other instructions it can be treated as
another scratch pad register.
After reset, the CPU is in standard mode, which means that the 'MUL' and 'DIV' instructions are operating like the standard
8051 instructions. To enable the 16 bit mode operation, the corresponding enable bit in the INSCON register must be set.
Dual
Dual
Dual
Dual Data
Data
Data
Data Pointer
Pointer
Pointer
Pointer
Using two data pointers can accelerate data memory moves. The standard data pointer is called DPTR and the new data
pointer is called DPTR1.
DPTR1 is the same with DPTR, which consists of a high byte (DPH1) and a low byte (DPL1). Its intended function is to hold
a 16-bit address, but it may be manipulated as a 16-bit register or as two independent 8-bit registers.
The DPS bit in INSTCON register is used to choose the active pointer. The user can switch data pointers by toggling the
DPS bit. And all DPTR-related instructions will use the currently selected data pointer.
Register
Register
Register
Register
Table
Table
Table
Table 7
7
7
7....2
2
2
2 Data Pointer Select Register
Note
Note
Note
Note:::: BKS[1:0] should set as 00,because it only has one bank.
Operation
Operation
Operation
Operation
Result
Result
Result
Result
A
A
A
A
B
B
B
B
AUXC
AUXC
AUXC
AUXC
MUL
MUL
MUL
MUL
INSCON.2 = 0; 8 bit mode
(A)*(B)
Low Byte
High Byte
---
INSCON.2 = 1; 16 bit mode
(AUXC A)*(B)
Low Byte
Middle Byte
High Byte
DIV
DIV
DIV
DIV
INSCON.3 = 0; 8 bit mode
(A)/(B)
Quotient Low Byte
Remainder
---
INSCON.3 = 1; 16 bit mode
(AUXC A)/(B)
Quotient Low Byte
Remainder
Quotient High Byte
86H
86H
86H
86H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
INSCON
INSCON
INSCON
INSCON
BKS1
BKS0
-
-
DIV
MUL
-
DPS
R/W
R/W
R/W
R/W
R/W
R/W
-
-
R/W
R/W
-
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
-
-
0
0
-
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7-6
7-6
7-6
7-6
BKS[1:0]
BKS[1:0]
BKS[1:0]
BKS[1:0]
SFR
SFR
SFR
SFR B
B
B
Bank
ank
ank
ank S
S
S
Selection
election
election
election Bit
Bit
Bit
Bit
00: SFR Bank selected
others: Reserved
3
3
3
3
DIV
DIV
DIV
DIV
16
16
16
16 bit/8
bit/8
bit/8
bit/8 bit
bit
bit
bit Divide
Divide
Divide
Divide Selection
Selection
Selection
Selection Bit
Bit
Bit
Bit
0: 8 bit Divide
1: 16 bit Divide
2
2
2
2
MUL
MUL
MUL
MUL
16
16
16
16 bit/8
bit/8
bit/8
bit/8 bit
bit
bit
bit Multiply
Multiply
Multiply
Multiply Selection
Selection
Selection
Selection Bit
Bit
Bit
Bit
0: 8 bit Multiply
1: 16 bit Multiply
0
0
0
0
DPS
DPS
DPS
DPS
Data
Data
Data
Data Pointer
Pointer
Pointer
Pointer Selection
Selection
Selection
Selection Bit
Bit
Bit
Bit
0: Data pointer
1: Data pointer1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com