| Electronic Components Datasheet Search |
|
SH79F024XU Datasheet(PDF) 51 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F024XU Datasheet(HTML) 51 Page - SINOWEALTH Electronic Ltd |
|
51 / 92 page ![]() SH79F SH79F SH79F SH79F082 082 082 082 51 8.1.9 8.1.9 8.1.9 8.1.9 PWM PWM PWM PWM Dead Dead Dead Dead T T T Time ime ime ime Control Control Control Control The SH79F082 provides dead time control function on-chip. This function is used in push-pull Power output driving; this function is show as bellow. PWM Enable means PWMEN and PWMOE are both set. By writing PWM dead time control registers (PWMDTL/PWMDTH), a dead time can be generated between PWM1/2 and PWM11/21. In In In In edge-aligned edge-aligned edge-aligned edge-aligned mode, mode, mode, mode, PWM PWM PWM PWM waveform waveform waveform waveform with with with with dead dead dead dead time time time time controlled controlled controlled controlled in in in in different different different different output output output output mode mode mode mode is is is is shown shown shown shown below. below. below. below. dead time1 PWMn1 PWMn PWMnS = 0 & PWMn1S = 0 (n = 1, 2) duty dead time0 Period dead time1 Period duty PWMn duty interrupt PWM Disable PWM Enable No interrupt I/O State I/O State dead time0 PWMn duty interrupt PWM period interrupt PWM period interrupt dead time1 PWMn1 PWMn PWMnS = 0 & PWMn1S = 1 (n = 1, 2) duty dead time0 Period dead time1 Period duty PWMn duty interrupt PWM Disable PWM Enable No interrupt I/O State I/O State dead time0 PWMn duty interrupt PWM period interrupt PWM period interrupt |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |