| Electronic Components Datasheet Search |
|
SH79F024XU Datasheet(PDF) 32 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F024XU Datasheet(HTML) 32 Page - SINOWEALTH Electronic Ltd |
|
32 / 92 page ![]() SH79F SH79F SH79F SH79F082 082 082 082 32 Mode Mode Mode Mode 3: 3: 3: 3: Two Two Two Two 8-bit 8-bit 8-bit 8-bit Counter/Timers Counter/Timers Counter/Timers Counter/Timers (Timer (Timer (Timer (Timer 0 0 0 0 Only) Only) Only) Only) In Mode 3, Timer 0 is configured as two separate 8-bit counter/timers held in TL0 and TH0. TL0 is controlled using the Timer 0 control/status bits in TCON and TMOD: TR0, C/ T0 ——— , GATE0 and TF0. TL0 can use either the system clock or an external input signal as its time base. The TH0 is restricted to a timer function sourced by the system clock. TH0 is enabled using the Timer 1 control bit TR1. THx sets the Timer 1 overflow flag TF1 on overflow and thus controls the Timer 1 interrupt. When timer 0 is operating in Mode 3, timer 1 can be operated in modes 0, 1 or 2, but it cannot set the TF1 flag and generate an interrupt. The Timer 1 overflow can generate baud-rates for the EUART. The TH1 and TL1 register is restricted to a timer function sourced by the system clock, and gate1 is invalid. And the pull high resistor of T1 input pin is also disabled. Timer 1 run control is handled through its mode settings, because TR1 is used by Time 0. When the timer 1 is in mode 0, 1, or 2, timer 1 is enable. When the timer 1 is in mode 3, timer 1 is disable. When as Timer, the T0 pin can automatically toggle upon Timer0 overflow by configuring TC0 in TCON1 Register. The T0 pin is automatically set as output by hardware when TC0 is set. TL0 (8bits) TF0 Overflow + & C/T0 The Block Diagram of mode3 of Timer0 The Block Diagram of mode3 of Timer0 The Block Diagram of mode3 of Timer0 The Block Diagram of mode3 of Timer0 TH0 (8bits) TF1 Overflow Overflow Flag Overflow Flag Interrupt Request Interrupt Request 0:Switch Off 1:Switch On 0:Switch Off 1:Switch On T0 GATE0 TR0 TR1 =0 =1 System Clock C/T0=0 and TC0=1 T0 System Clock INT0 Note Note Note Note:::: While Timer1 is used as baud rate generator, writing TH1/TL1 will affect the accuracy of baud rate, thus might make cause communication error. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |