Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC574S60 Datasheet(PDF) 48 Page - STMicroelectronics

Part # SPC574S60
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button SPC574S60 Datasheet HTML 44Page - STMicroelectronics SPC574S60 Datasheet HTML 45Page - STMicroelectronics SPC574S60 Datasheet HTML 46Page - STMicroelectronics SPC574S60 Datasheet HTML 47Page - STMicroelectronics SPC574S60 Datasheet HTML 48Page - STMicroelectronics SPC574S60 Datasheet HTML 49Page - STMicroelectronics SPC574S60 Datasheet HTML 50Page - STMicroelectronics SPC574S60 Datasheet HTML 51Page - STMicroelectronics SPC574S60 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
Electrical characteristics
SPC574Sx
48/77
DS10601 Rev 6
3.16
External oscillator (XOSC) electrical characteristics
Table 31. PLL0 electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
fPLLIN SR — PLL0 reference clock(2)
—8
—
56
MHz
ΔPLLIN SR —
PLL0 reference clock duty
cycle(2)
—30
—
70
%
fPLLOUT CC D PLL0 output clock frequency
—
4.762
—
625
MHz
fVCO
CC P VCO frequency
—
600
—
1250 MHz
tLOCK CC P PLL0 lock time
Stable oscillator (fPLLIN =16 MHz)
—
—
100
µs
ΔtSTJIT CC T PLL0 short term jitter
fsys maximum
–150
—
150
ps
ΔtLTJIT CC T PLL0 long term jitter
fPLLIN = 16 MHz (resonator),
fPLLCLK @ 64 MHz
–1
—
1
ns
IPLL
CC C PLL0 consumption
TA =25°C
—
—
5
mA
1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 to 125 °C, unless otherwise specified.
2. PLLIN clock retrieved directly from FXOSC clock. Input characteristics are granted when oscillator is used in functional
mode. When bypass mode is used, oscillator input clock should verify fPLLIN and ΔPLLIN.
Table 32. External Oscillator electrical specifications(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
fXTAL
CC
D Crystal Frequency Range(2)
—4
8
MHz
—>8
20
—
>20
40
tcst
CC
T
Crystal start-up time (3),(4)
TJ = 150 °C
—
5
ms
trec
CC
— Crystal recovery time(5)
——
0.5
ms
VIHEXT
CC
D
EXTAL input high voltage
(External Reference)
VREF = 0.28 × VDD_HV_IO
VREF +
0.6
—V
VILEXT
CC
D
EXTAL input low
voltage(6),(7)
VREF = 0.28 × VDD_HV_IO
—VREF - 0.6
V
CS_EXTAL CC
T
Total on-chip stray
capacitance on EXTAL pin(8)
QFP
6.0
8.0
pF
CS_XTAL CC
T
Total on-chip stray
capacitance on XTAL pin(8)
QFP
6.0
8.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com