Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC574S60 Datasheet(PDF) 59 Page - STMicroelectronics

Part # SPC574S60
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button SPC574S60 Datasheet HTML 55Page - STMicroelectronics SPC574S60 Datasheet HTML 56Page - STMicroelectronics SPC574S60 Datasheet HTML 57Page - STMicroelectronics SPC574S60 Datasheet HTML 58Page - STMicroelectronics SPC574S60 Datasheet HTML 59Page - STMicroelectronics SPC574S60 Datasheet HTML 60Page - STMicroelectronics SPC574S60 Datasheet HTML 61Page - STMicroelectronics SPC574S60 Datasheet HTML 62Page - STMicroelectronics SPC574S60 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 77 page
background image
DS10601 Rev 6
59/77
SPC574Sx
Electrical characteristics
76
Figure 17. JTAG boundary scan timing
3.21
Nexus interface timing
TCK
13
9
12
Output
Signals
11
10
Output
Signals
Input
Signals
Table 39. Nexus debug port timing(1)
#
Symbol
C
Characteristic
Value
Unit
Min
Max
7tEVTIPW CC P EVTI pulse width
4
—
tCYC(2)
8tEVTOPW CC P EVTO pulse width
40
—
ns
9tTCYC
CC D TCK cycle time
2(3),(4)
—tCYC(2)
11
tNTDIS
CC D TDI data setup time
5
—
ns
12
tNTDIH
CC D TDI data hold time
5
—
ns
13
tNTMSS CC D TMS data setup time
5
—
ns
14
tNTMSH CC D TMS data hold time
5
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com