Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC574S60 Datasheet(PDF) 75 Page - STMicroelectronics

Part # SPC574S60
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button SPC574S60 Datasheet HTML 69Page - STMicroelectronics SPC574S60 Datasheet HTML 70Page - STMicroelectronics SPC574S60 Datasheet HTML 71Page - STMicroelectronics SPC574S60 Datasheet HTML 72Page - STMicroelectronics SPC574S60 Datasheet HTML 73Page - STMicroelectronics SPC574S60 Datasheet HTML 74Page - STMicroelectronics SPC574S60 Datasheet HTML 75Page - STMicroelectronics SPC574S60 Datasheet HTML 76Page - STMicroelectronics SPC574S60 Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 75 / 77 page
background image
DS10601 Rev 6
75/77
SPC574Sx
Revision history
76
11-Oct-2017
4
(cont’d)
Section 3.11.3: Power Schemes: “QFP100” and “QFP144” updated to “eTQFP100”
and “eTQFP144” respectively.
Table 10: Current consumption:
– Updated IDD_LV and IDD_HV values for use case “Full function”.
– Added footnote “Values as seen on ... result are available.”
– Updated IDD_LV and IDD_HV values for Self test parallel and semi-parallel
Table 23: Package ADC supply decoupling capacitance:
– Value for Pad “VREFH_ADC_S0” for package “eTQFP100” updated from “29” to “36”
– Value for Pad “VREFH_ADC_S0” for package “eTQFP144” updated from “6” to “16”
– Value for Pad “VREFH_ADC_S1” for package “eTQFP144” updated from “29” to “36”
Table 24: Voltage regulator electrical characteristics: Added footnote “All 1.2V
pins...0.5nH inductance”
Table 26: Functional terminals state during power-up and reset: For “GPIO”, all “Weak
pull-up” values changed to “High impedance”.
Updated Table 28: Flash memory program and erase specifications
Added Figure 14: ADC analog input circuit
Table 42: eTQFP100 mechanical data,
– D2 and D3 value updated to “6.57”
– E2 and E3 value updated to “4.9”
Table 49: eTQFP144 mechanical data: Min value of D2 and E2 updated to 5.0
Figure 27: Ordering information scheme:
– Memory “60” updated to “64”
– Package “E4” updated to “E3”
– In temperature classification , removed “D = 4 to 140 oC
– Removed package LFBGA244
– Memory updated from “60 = 1MB” to “64 = 1.5MB and 60 = 1MB”
Table 43. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com