Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC574S60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC574S60
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60 Datasheet(HTML) 1 Page - STMicroelectronics

  SPC574S60 Datasheet HTML 1Page - STMicroelectronics SPC574S60 Datasheet HTML 2Page - STMicroelectronics SPC574S60 Datasheet HTML 3Page - STMicroelectronics SPC574S60 Datasheet HTML 4Page - STMicroelectronics SPC574S60 Datasheet HTML 5Page - STMicroelectronics SPC574S60 Datasheet HTML 6Page - STMicroelectronics SPC574S60 Datasheet HTML 7Page - STMicroelectronics SPC574S60 Datasheet HTML 8Page - STMicroelectronics SPC574S60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
This is information on a product in full production.
February 2020
DS10601 Rev 6
1/77
SPC574S60E3, SPC574S64E3
32-bit Power Architecture microcontroller for automotive ASILD
applications
Datasheet
- production data
Features
• AEC-Q100 qualified
• High performance e200z4d dual core
– 32-bit Power Architecture technology CPU
– Core frequency as high as 140 MHz
– Dual issue 5-stage pipeline in-order
execution core
– Variable Length Encoding (VLE)
– Core MPU
– Floating Point, End-to-End Error Correction
– 8 KB instruction cache with error detection
code
– 32 KB local data RAM and 4 KB data cache
along with 8 KB instruction cache
• 1600 KB (1.5 MB code + 64 KB data) on-chip
flash memory: supports read during program
and erase operations, and multiple blocks
allowing EEPROM emulation
• 128 KB on-chip RAM (96 KB on chip
RAM + 32 KB local data RAM)
• Multi-channel direct memory access controller
(eDMA) with 32 channels
• Comprehensive new generation ASILD safety
concept
– ASILD SEooC approach (Safety Element
out of Context)
– FCCU for collection and reaction to failure
notifications
– Memory Error Management Unit (MEMU)
for collection and reporting of error events
in memories
– End-to-end Error Correction Code
(e2eECC) logic
– Cyclic redundancy check (CRC) unit
• 8 enhanced 12-bit SAR analog converters
– 2 sets of: 3 ADCs and one supervisor ADC
– 1.5 µs conversion time at 12 MHz
– Up to 32 physical channels
– Dual Programmable CTU
• 4 general purpose eTimer units (6 channels
each)
• 4 FlexPWM units
– 2 (4 channels each) used for motor control
with hardware synchronization between the
control systems
– 2 (2 channels each) used for SWG
emulation
• Communication interfaces
– 4 LINFlexD modules
– 4 deserial serial peripheral interface (DSPI)
modules
– 2 MCAN interfaces with advanced shared
memory scheme (808 x 32-bit words for
MCAN0 and 520 x 32-bit words for
MCAN1) and CAN-FD support
– 1 FlexRay module with 2 channels, 128
message buffers
– 2 SENT interfaces (3 channels each)
• Dual phase-locked loops with stable clock
domain for peripherals and FM modulation
domain for computational shell
• Nexus Class 3 debug and trace interface
• On-chip CAN/UART Bootstrap loader with
BAF. Physical Interface (PHY) can be UART
• Advanced and flexible supply scheme
– On-chip voltage regulator for 1.2 V core
logic supply. Bypass mode supported for
external 1.2 V core logic supply
– 3.3 V or 5 V IO and ADC supply (2
independent power domains available)
• Junction temperature range -40 °C to 150 °C
eTQFP100 (14 x 14 x 1.0 mm)
www.st.com


Similar Part No. - SPC574S60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC574S-DISP STMICROELECTRONICS-SPC574S-DISP Datasheet
2Mb / 7P
SPC574S-DISP – Discovery Board
12-Aug-2019
SPC574SADPT144S STMICROELECTRONICS-SPC574SADPT144S Datasheet
233Kb / 4P
SPC574Sx microcontroller premium evaluation boards
26-Jan-2016
SPC574SADPT244S STMICROELECTRONICS-SPC574SADPT244S Datasheet
233Kb / 4P
SPC574Sx microcontroller premium evaluation boards
26-Jan-2016
More results

Similar Description - SPC574S60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56EL60L5 STMICROELECTRONICS-SPC56EL60L5 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
August 2012 Rev 8
SPC564L54L5 STMICROELECTRONICS-SPC564L54L5 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
01-Aug-2012
RPC56EL60L5 STMICROELECTRONICS-RPC56EL60L5 Datasheet
2Mb / 137P
microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
23-Sep-2014
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
17-Sep-2013
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
logo
NXP Semiconductors
MPC5744P NXP-MPC5744P Datasheet
1Mb / 115P
32-bit MCU suitable for ISO26262 ASILD chassis and safety applications
Rev. 6.1, 11/2017
logo
STMicroelectronics
SPC584BX STMICROELECTRONICS-SPC584BX Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com