Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC574S60 Datasheet(PDF) 72 Page - STMicroelectronics

Part # SPC574S60
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button SPC574S60 Datasheet HTML 68Page - STMicroelectronics SPC574S60 Datasheet HTML 69Page - STMicroelectronics SPC574S60 Datasheet HTML 70Page - STMicroelectronics SPC574S60 Datasheet HTML 71Page - STMicroelectronics SPC574S60 Datasheet HTML 72Page - STMicroelectronics SPC574S60 Datasheet HTML 73Page - STMicroelectronics SPC574S60 Datasheet HTML 74Page - STMicroelectronics SPC574S60 Datasheet HTML 75Page - STMicroelectronics SPC574S60 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 77 page
background image
Revision history
SPC574Sx
72/77
DS10601 Rev 6
6
Revision history
Table 43. Document revision history
Date
Revision
Changes
22-Sep-2014
1
Initial release
13-Apr-2015
2
Throughout the document:
– Editorial and formatting updates
– Changed device name from SPC574S60xx, to SPC574Sx
– Replaced all occurrences of PLL by PLL0 and FMPLL by PLL1
– Renamed VDD_HV_PMC_OSC and VDD_HV_OSC_PMC as VDD_HV_OSC
– Renamed VDD_HV_ADV and VDD_ADC_TSENS as VDD_HV_ADC_TSENS
– Renamed VDD_HV_IO_MAIN and VDD_HV_IO_JTAG as VDD_HV_IO
– Renamed VDD_HV_ADR as VREFH_ADC
– Renamed VSS_HV_IO as VSS
Added Figure 3: 244-ball BGA pinout (top view) and the LFBGA 244 column to Table 3:
Cross-mapping between pads and package pins
Table 1: SPC574S60Ex, SPC574S60C2 device feature summary (superset
configuration)
– For SMPU, description updated to “Yes (8 Regions)”
– Footnote 1 “SMPU with process ID support extension” removed
Table 3: SPC574Sx series block summary
– Updated function description for Cross triggering unit (CTU)
Added footnote 1 to Table 3: Cross-mapping between pads and package pins
Table 6: Absolute maximum ratings
– Added: VDD_HV_OSC, VDD_HV_ADC_TSENS, VREFH_ADC
– Removed TJ
– Changed IMAXSEG to IMAXSEG (IO rail #0) and IMAXSEG (IO rail #1)
– Updated values of: Cycle, VSS, VDD_LV, VDD_HV_IO, VIN, IMAXD, TSDR, TXRAY
– Updated footnote 1. and added footnote 2.
– Updated parameter descriptions for VDD_HV_IO, VDD_HV_OSC, IINJD and IINJA
Table 8: Device operating conditions:
– Added: VDD_LV, VDD_HV_XOSC(6),(7), VREFH_ADC - VDD_HV_ADC_TSENS, VIN
– Added footnotes 3., 4., 5. and 8.
Updated “Very fast configuration” description in Table 11: I/O pad specification
descriptions
Added Input Characteristics section to Table 12: I/O input DC electrical characteristics
Renamed Table 18: I/O output DC characteristics for PAD[4], PAD[9], PAD[11],
PAD[16], PAD[47], PAD[55], PAD[56], PAD[62] and PAD_FCCU_F1E to include the
pad numbers
Removed CMOS parameters from Table 19: Reset electrical characteristics
Added Table 20: HV supply schemes
Added Table 21: eTQFP100 HV/LV supply decoupling capacitances
Added Table 25: eTQFP144 HV/LV supply decoupling capacitances
Added Table 26: BGA244 HV/LV supply decoupling capacitances
Added Table 28: Package ADC supply decoupling capacitance
Changed values of dfvar_T in Table 34: Internal RC oscillator electrical specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com