Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC574S60 Datasheet(PDF) 57 Page - STMicroelectronics

Part # SPC574S60
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button SPC574S60 Datasheet HTML 53Page - STMicroelectronics SPC574S60 Datasheet HTML 54Page - STMicroelectronics SPC574S60 Datasheet HTML 55Page - STMicroelectronics SPC574S60 Datasheet HTML 56Page - STMicroelectronics SPC574S60 Datasheet HTML 57Page - STMicroelectronics SPC574S60 Datasheet HTML 58Page - STMicroelectronics SPC574S60 Datasheet HTML 59Page - STMicroelectronics SPC574S60 Datasheet HTML 60Page - STMicroelectronics SPC574S60 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
DS10601 Rev 6
57/77
SPC574Sx
Electrical characteristics
76
3.19
Temperature sensor
The following table describes the temperature sensor electrical characteristics.
3.20
JTAG interface timings
Table 37. Temperature sensor electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
TSENS
CC
P
Sensitivity
—
—
5.18
—
mV/°C
TACC
CC
P
Accuracy
TJ < 150 °C
–3
—
3
°C
ITEMP_SENS CC
C
VDD_HV_ADC_TSENS power supply
current
——
—
700
µA
Table 38. JTAG pin AC electrical characteristics
No.
Symbol
Parameter
Conditions
Min
Max Unit
1tJCYC
D TCK cycle time
—
100
—
ns
2tJDC
D TCK clock pulse width (measured at VDDC/2)
—
40
60
%
3tTCKRISE
D TCK rise and fall times (40%-70%)
—
—
3
ns
4tTMSS, tTDIS
D TMS, TDI data setup time
—
5
—
ns
5tTMSH, tTDIH
D TMS, TDI data hold time
—
5
—
ns
6tDOV
D TCK low to TDO data valid
—
—
30
ns
7tTDOI
D TCK low to TDO data invalid
—
0
—
ns
8tTDOHZ
D TCK low to TDO high impedance
—
—
30
ns
9tBSDV
D TCK falling edge to output valid
—
—
50
ns
10
tBSDVZ
D TCK falling edge to output valid out of high impedance
—
—
50
ns
11
tBSDHZ
D TCK falling edge to output high impedance
—
—
50
ns
12
tBSDST
D Boundary scan input valid to TCK rising edge
—
50
—
ns
13
tBSDHT
D TCK rising edge to boundary scan input invalid
—
50
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com