Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3154AVPBF Datasheet(PDF) 5 Page - Analog Devices

Part # LT3154AVPBF
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3154AVPBF Datasheet(HTML) 5 Page - Analog Devices

  LT3154AVPBF Datasheet HTML 1Page - Analog Devices LT3154AVPBF Datasheet HTML 2Page - Analog Devices LT3154AVPBF Datasheet HTML 3Page - Analog Devices LT3154AVPBF Datasheet HTML 4Page - Analog Devices LT3154AVPBF Datasheet HTML 5Page - Analog Devices LT3154AVPBF Datasheet HTML 6Page - Analog Devices LT3154AVPBF Datasheet HTML 7Page - Analog Devices LT3154AVPBF Datasheet HTML 8Page - Analog Devices LT3154AVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LT3154
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency/Power Loss at 2.2MHz
1.8V, 2.5V, 3.6V, 5.0V to
3.3VOUT, L = 0.68µH
Efficiency/Power Loss at 2.2MHz
1.8V, 2.5V, 3.6V, 5.0V to
5.0VOUT, L = 0.68µH
Efficiency/Power Loss at 1.2MHz
Li-Ion (3.0V, 3.6V, 4.2V) to
3.3VOUT, L = 1µH
Efficiency/Power Loss at 2.2MHz
1.8V, 3.6V, 5.0V to 2.5VOUT,
L = 0.68µH
Burst Mode Operation No-Load
Input Current vs VIN
PWM Mode Efficiency vs fSW
VIN Current in Shutdown
Current vs Temperature
(TA = 25°C, VIN = 3.6, VOUT = 3.3V unless otherwise specified)
PWM Mode No-Load Input
Current vs VIN
Shutdown vs VIN
LOAD CURRENT (A)
0.0001
40
60
10
3154 G01
20
0
0.001
0.01
0.1
1
100
30
50
10
70
80
90
2
3
1
0
5
4
PWM
BURST
LOSS
1.8VIN
2.5VIN
3.6VIN
5.0VIN
LOAD CURRENT (A)
0.0001
40
60
10
3154 G02
20
0
0.001
0.01
0.1
1
100
30
50
10
70
80
90
2
3
1
0
5
4
PWM
BURST
LOSS
1.8VIN
2.5VIN
3.6VIN
5.0VIN
LOAD CURRENT (A)
0.0001
40
60
10
3154 G03
20
0
0.001
0.01
0.1
1
100
30
50
10
70
80
90
2
3
1
0
5
4
PWM
BURST
LOSS
3.0VIN
3.6VIN
4.2VIN
VIN (V)
1.8 2.2 2.6 3 3.4 3.8 4.2 4.6
5.4
5.0
5.8
0
10
20
30
40
50
60
70
3154 G05
1.8VOUT
3.3VOUT
5.0VOUT
SWITCHING FREQUENCY (kHz)
400 800 1200 1600 2000 2400 2800 3200 3600 4000
90
91
92
93
94
95
96
97
98
3154 G06
4.2VIN, 3.3VOUT, 1uH, 1A LOAD
LOAD CURRENT (A)
0.0001
40
60
10
3154 G04
20
0
0.001
0.01
0.1
1
100
30
50
10
70
80
90
2
3
1
0
5
4
PWM
BURST
LOSS
1.8VIN
3.6VIN
5.0VIN
VIN (V)
1.8 2.2 2.6 3 3.4 3.8 4.2 4.6
5.4
5.0
5.8
0
5
10
15
20
25
30
35
40
3154 G07
1.8VOUT
3.3VOUT
5.0VOUT
fSW = 1MHz
VIN (V)
1.8 2.2 2.6 3 3.4 3.8 4.2 4.6
5.4
5.0
5.8
0
0.1
0.2
0.3
0.4
0.5
0.6
3154 G08
TEMPERATURE (°C)
–50
1
150
3154 G09
0.5
0
–10
70 90 110 130
–30
10
50
30
2.5
1.5
2
VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com