Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3154AVPBF Datasheet(PDF) 24 Page - Analog Devices

Part # LT3154AVPBF
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3154AVPBF Datasheet(HTML) 24 Page - Analog Devices

Back Button LT3154AVPBF Datasheet HTML 20Page - Analog Devices LT3154AVPBF Datasheet HTML 21Page - Analog Devices LT3154AVPBF Datasheet HTML 22Page - Analog Devices LT3154AVPBF Datasheet HTML 23Page - Analog Devices LT3154AVPBF Datasheet HTML 24Page - Analog Devices LT3154AVPBF Datasheet HTML 25Page - Analog Devices LT3154AVPBF Datasheet HTML 26Page - Analog Devices LT3154AVPBF Datasheet HTML 27Page - Analog Devices LT3154AVPBF Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LT3154
24
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
InboostmodethepowerstagegainisreducedbyVIN/2•VOUT:
Boost DC Gain at 1.8VIN
20 Log
10A
V
•2Ω •1.8V
2•3.3V
⎛
⎝
⎜
⎜
⎜
⎞
⎠
⎟
⎟
⎟
=15dB
The output load pole will move depending on the output
load resistance. The power stage gains and pole locations
at full load are shown in Figure 6 and Figure 7.
Output LoadPole (Buck)
1
2π •RLOAD •COUT
=
1
2π •2Ω •100µF
= 800Hz
Output LoadPole (Boost)
2
2π •RLOAD •COUT
=
2
2π •2Ω •100µF
=1600Hz
The resulting power stage crossover frequencies are
around 16kHz in buck mode (VIN > 3.3V), 8.5kHz in boost
mode at 1.8VIN.
The uncompensated power stage crossover frequency is
lower than the goal of 20kHz. More importantly, the uncom‑
pensatedpowerstageDCgainislowespeciallyinboostmode.
A pole‑zero‑pole network will now be added to the voltage
amplifier to increase the DC gain, increase the crossover
frequency, and reduce the overall gain at high frequencies.
VEA Pole 1 =
1
2
πRVEA •CC
RVEA = Voltage Error Amp output resistance, which is ap‑
proximately5MΩ.Thispoleismentionedforcompleteness,
but has no effect on the overall loop design.
VEA Zero 1 =
1
2
π RC•CC
crossover frequency to flatten the VA gain at the crossover
to improve phase margin
VEA Pole 2 =
1
2
π RC•CHF
crossover frequency to reduce the gain to suppress noise
and mitigate any RHPZ effects.
Referring to the buck power stage gain curves in Figure 6,
the loop gain needs to be increased by 3dB to achieve a
total loop crossover frequency of 20kHz. Assuming Zero
1 is placed well below the crossover frequency and Pole 2
is placed well above the crossover frequency, the voltage
amplifiers gain at crossover is given by:
VEA gain at crossover:
20Log
VFB •gm •RC
VOUT
⎛
⎝
⎜
⎞
⎠
⎟= 20Log
1V •110µA/V •RC
3.3V
⎛
⎝
⎜
⎞
⎠
⎟= 3dB
Where gm is the VEA transconductance, VFB/VOUT is the
feedback divider gain, and RC is the external zero resistor:
RC=
3.3V
1V •110µA/V
•103dB/20dB = 40.2kΩ
A 60k value for RC will provide 3dB of gain at crossover.
With RC selected, CC’s value is determined by setting the
Zero 1 frequency at 1/5 the crossover frequency or 4kHz:
CC=
1
2π •RC• fZERO1
=
1
2π •40.2kΩ •4kHz
=1nF
Optionally, a high frequency Pole 2 is set at 20 times the
crossover frequency to provide a high frequency pole at
400kHz:
CHF =
1
2π •RC• fPOLE2
=
1
2π •40.2kΩ •400kHz
=10pF
VEAGaininFigure 6orFigure 7showstheresultingvoltage
error amplifier (VEA) response to the selected values.
CombiningthepowerstageandVEAfrequencyresponses,
the measured total loop gains are illustrated in Figure 6
and Figure 7. As shown, the crossover frequency was in‑
creased to 20kHz in buck mode, 10kHz in boost mode. The
phase margin at crossover is around 70°C in both cases.
The VEA loop design provided the additional benefits of
high gain (>60dB) at DC and gain attenuation above the
crossover frequency to prevent RHPZ issues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com