Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3154AVPBF Datasheet(PDF) 10 Page - Analog Devices

Part # LT3154AVPBF
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3154AVPBF Datasheet(HTML) 10 Page - Analog Devices

Back Button LT3154AVPBF Datasheet HTML 6Page - Analog Devices LT3154AVPBF Datasheet HTML 7Page - Analog Devices LT3154AVPBF Datasheet HTML 8Page - Analog Devices LT3154AVPBF Datasheet HTML 9Page - Analog Devices LT3154AVPBF Datasheet HTML 10Page - Analog Devices LT3154AVPBF Datasheet HTML 11Page - Analog Devices LT3154AVPBF Datasheet HTML 12Page - Analog Devices LT3154AVPBF Datasheet HTML 13Page - Analog Devices LT3154AVPBF Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LT3154
10
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
+
–
+
–
+
–
+
–
+
–
CDRV
DDRV
BDRV
ADRV
PGND
PGND
VBEST
VBEST
VBEST
ISWB
ISWA
ISWD
D
C
A
B
PVIN
PVOUT
VOUT
VOUT 1.8V TO 5.5V
VIN 1.8V TO 5.5V
VOLTAGE
AMPLIFIER
CURRENT
AMPLIFIER
PGND
EN/UVLO
1.65V
ISWA
UVLO
ADRV BDRV
CDRV
PWM/BURST
DRIVE
LOGIC
DDRV
SW2
SW1
PWMs
PWM
RAMPS
SYNC
2.2MHz
IPEAK
IREVERSE
/IZERO
RUN
ISWD
9.5A
–1.2A/0A
1.2V
R1
R2
GND
SYNC/MODE
VIN
PGND
BUCK BOOST
RT
VIN
RCS
INT/EXT RT
SS
CC
RC
ISWA
INT/EXT SS
ISWB
RAMP
VC
FB
R3
R4
gm 0.99V
SW1
SW2
BURST
PWM
SYNC
+
–
+
OSCILLATOR
NOTE: PVIN AND VIN MUST BE CONNECTED TOGETHER IN THE APPLICATION
PVOUT AND VOUT MUST BE CONNECTED TOGETHER IN THE APPLICATION
PGND AND GND MUST BE CONNECTED TOGETHER IN THE APPLICATION
3154 BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com