Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3154AVPBF Datasheet(PDF) 1 Page - Analog Devices

Part # LT3154AVPBF
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3154AVPBF Datasheet(HTML) 1 Page - Analog Devices

  LT3154AVPBF Datasheet HTML 1Page - Analog Devices LT3154AVPBF Datasheet HTML 2Page - Analog Devices LT3154AVPBF Datasheet HTML 3Page - Analog Devices LT3154AVPBF Datasheet HTML 4Page - Analog Devices LT3154AVPBF Datasheet HTML 5Page - Analog Devices LT3154AVPBF Datasheet HTML 6Page - Analog Devices LT3154AVPBF Datasheet HTML 7Page - Analog Devices LT3154AVPBF Datasheet HTML 8Page - Analog Devices LT3154AVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LT3154
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
6A Low Noise, High Performance
Buck-Boost DC/DC Converter
The LT®3154 is a highly efficient, high current, buck‑boost
DC/DC converter that operates from input voltages
above, below or equal to the regulated output voltage.
The LT3154’s advanced topology provides a continu‑
ous transfer through all operating modes. VIN operation
from 1.8V to 5.5V provides flexibility for a wide variety of
power sources. The output voltage is adjustable between
1.8V to 5.5V.
To minimize external components the LT3154 can be
configured to operate from a 2.2MHz internal oscillator.
To optimize applications for highest efficiency or small‑
est footprint the oscillator can be programmed between
400kHz to 4MHz, or synchronized to an external clock for
noise sensitive circuits.
Selectable Burst Mode operation reduces quiescent cur‑
rent to 15μA, ensuring high efficiency across the entire
load range. The VIN start‑up threshold (UVLO) can be
adjusted for various input sources. An internal or exter‑
nally programmable soft‑start limits inrush current
during start‑up. Other features include <1μA shutdown
current, short circuit, and thermal overload protection.
The LT3154 is housed in the thermally enhanced 16‑lead
(3mm × 3mm × 0.75mm) LQFN package.
Efficiency vs VIN PWM Mode
APPLICATIONS
n
Single Inductor Buck-Boost Architecture
n
Low Noise Buck-Boost Architecture
n
Wide VIN Range 1.8V to 5.5V
n
Adjustable VOUT Range 1.8V to 5.5V
n
5A of Continuous Output Current with VIN > VOUT
n
Up to 95% Efficiency
n
Selectable Internal 2.2MHz Fixed Frequency
Adjustable and Synchronizable: Up to 4MHz
n
Burst Mode® IQ 15µA for High Efficiency at Light Loads
n
Programmable Soft‑Start and VIN UVLO
n
Simple Solution with Minimal External Components
n
Portable Inventory Terminals
n
Handheld Computers
n
Medical and Industrial Instruments
n
Wireless RF Transmitter
n
Backup Power Applications
n
Battery Powered Systems
All registered trademarks and trademarks are the property of their respective owners.
4A
3A
2A
1A
0.5A
INPUT VOLTAGE (V)
1.8 2.2 2.6 3.0 3.4 3.8 4.2 4.6 5.0 5.4 5.8
80
82
84
86
88
90
92
94
96
98
3154 TA01b
LOAD CURRENT
2.2MHz OPERATION
VOUT
3.3V
VIN
1.8V TO 5.5V
BURST
3154 TA01a
PWM
22µF
100µF
1nF
40.2k
100k
232k
0.68µH
EN/UVLO
LT3154
RT
SS
FB
VC
GND
SW1
SW2
PGND
SYNC/MODE
PVOUT
VOUT
PVIN
VIN


Similar Part No. - LT3154AVPBF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT315 ETC1-LT315 Datasheet
343Kb / 5P
Photo DMOS-FET Relay
logo
LETEX TECHNOLOGY CORP.
LT315 LETEX-LT315 Datasheet
175Kb / 4P
Photo DMOS-FET Relay
logo
Linear Technology
LT3150 LINER-LT3150 Datasheet
263Kb / 20P
Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
LT3150 LINER-LT3150 Datasheet
192Kb / 16P
100mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Dimensions Semic...
LT3150 LINEAR_DIMENSIONS-LT3150 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
More results

Similar Description - LT3154AVPBF

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701C ACE-ACE701C Datasheet
465Kb / 10P
High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
logo
Linear Technology
LTC3113 LINER-LTC3113_15 Datasheet
393Kb / 24P
3A Low Noise Buck-Boost DC/DC Converter
LTC3536 LINER-LTC3536_15 Datasheet
2Mb / 28P
1A Low Noise, Buck-Boost DC/DC Converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
Buck-boost DC-DC converter
29-Oct-2014
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
Buck-boost DC-DC converter
09-Feb-2009
logo
Linear Technology
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC3113 LINER-LTC3113 Datasheet
393Kb / 24P
3A Low Noise Buck-Boost DC/DC Converter
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
logo
Fitipower Integrated Te...
FP6790 FITIPOWER-FP6790 Datasheet
414Kb / 8P
Low-Noise Boost DC-DC Converter
FP6795 FITIPOWER-FP6795 Datasheet
574Kb / 9P
Low-Noise Boost DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com