Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3154AVPBF Datasheet(PDF) 19 Page - Analog Devices

Part # LT3154AVPBF
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3154AVPBF Datasheet(HTML) 19 Page - Analog Devices

Back Button LT3154AVPBF Datasheet HTML 15Page - Analog Devices LT3154AVPBF Datasheet HTML 16Page - Analog Devices LT3154AVPBF Datasheet HTML 17Page - Analog Devices LT3154AVPBF Datasheet HTML 18Page - Analog Devices LT3154AVPBF Datasheet HTML 19Page - Analog Devices LT3154AVPBF Datasheet HTML 20Page - Analog Devices LT3154AVPBF Datasheet HTML 21Page - Analog Devices LT3154AVPBF Datasheet HTML 22Page - Analog Devices LT3154AVPBF Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LT3154
19
Rev. 0
For more information www.analog.com
buck mode is maximum (highest VIN) and in boost mode
when the duty cycle is 50% (VOUT = 2VIN).
Recommended values based on switching frequency are
given in Table 4.
Table 4. Recommended Values
Frequency
Value
400kHz < fSW < 600kHz
2.2μH
600kHz < fSW < 900kHz
1.5μH
900kHz < fSW < 1.5MHz
1μH
1.5MHz < fSW < 2.5MHz
0.68μH
2.5MHz < fSW < 4.0MHz
0.47μH
In addition to its influence on power conversion efficiency,
the inductor DC resistance can also impact the maximum
output current capability of the buck‑boost converter par‑
ticularly at low input voltages. In buck mode, the output
current of the buck‑boost converter is primarily limited
by the inductor current reaching the average current limit
threshold defined by VC. However, in boost mode, espe‑
cially at large step‑up ratios, the output current capability
can also be limited by the total resistive losses in the
power stage. These losses include, switch resistances,
inductor DC resistance and PCB trace resistance. Avoid
inductors with a high DC resistance (DCR) as they can
degrade the maximum output current capability from
what is shown in the Typical Performance Characteristics
section. As a guideline, the inductor DCR should be simi‑
lar to the typical power switch resistance of 20mΩ. The
only exceptions are applications that have a maximum
output current much less than what the LT3154 is capable
of delivering.
Differentinductorcorematerialsandstyleshaveanimpact
on the size and price of an inductor at any given current
rating. Shielded construction is generally preferred as it
minimizes the chances of interference with other circuitry.
Thechoiceofinductorstyledependsupontheprice,sizing,
and EMI requirements of a particular application. Table 5
provides a small sampling of inductors that are well suited
to many LT3154 applications with L × W dimensions
around 3mm to 5mm.
APPLICATIONS INFORMATION
Table 5. Representative Surface Mount Inductors
SERIES
VALUE
(µH)
DCR
(mΩ)
MAX DC
CURRENT (A)
Bourns
www.bourns.com
SRP
0.47–1.5
5–15
>6
Coilcraft
www.coilcraft.com
XAL, XEL
0.5–1.5
10–20
>6
Cooper Bussmann/Eaton
www.eaton.com
HCM0703
0.68–1.5
6–15
>6
Sumida
www.sumida.com
0420CDM
0.5–1.5
8–22
>6
Taiyo Yuden
www.t‑yuden.com
MDW, NRS
0.5–1.5
10–30
>6
TDK
www.tdk.com
SPM
0.6–1.5
15–40
>6
Toko − Murata
www.murata.com
FDSD, DEM
0.68–1.5
10–22
>6
Wurth
www.we‑online.com
WE‑MAPI, WE‑LHMI
0.68–2.2
6–15
>6
Output Capacitor Selection
A low effective series resistance (ESR) output capacitor
should be connected at the output of the buck‑boost con‑
verterinordertominimizeoutputvoltageripple.Multilayer
ceramic capacitors are an excellent option as they have
low ESR and are available in small foot prints. The capaci‑
tor value should be chosen large enough to reduce the
output voltage ripple to acceptable levels. Neglecting the
capacitor’s ESR and ESL (effect series inductance), the
peak‑to‑peak output voltage ripple can be calculated by
the following formula, where fSW is the frequency in MHz
and COUT is the capacitance in µF. A formula for calculat‑
ing ∆IL, in buck mode is given in the Operation section.
ΔVP-P(BUCK) =
ΔIL
8fSW COUT
Volts
ΔVP-P(BOOST) =
ILOAD
fSW COUT
VOUT – VIN
VOUT
⎛
⎝⎜
⎞
⎠⎟
Volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com