Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3154AVPBF Datasheet(PDF) 18 Page - Analog Devices

Part # LT3154AVPBF
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3154AVPBF Datasheet(HTML) 18 Page - Analog Devices

Back Button LT3154AVPBF Datasheet HTML 14Page - Analog Devices LT3154AVPBF Datasheet HTML 15Page - Analog Devices LT3154AVPBF Datasheet HTML 16Page - Analog Devices LT3154AVPBF Datasheet HTML 17Page - Analog Devices LT3154AVPBF Datasheet HTML 18Page - Analog Devices LT3154AVPBF Datasheet HTML 19Page - Analog Devices LT3154AVPBF Datasheet HTML 20Page - Analog Devices LT3154AVPBF Datasheet HTML 21Page - Analog Devices LT3154AVPBF Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LT3154
18
Rev. 0
For more information www.analog.com
OPERATION
Thermal Considerations
The power switches of the LT3154 are designed to oper‑
ate continuously with currents up to the internal current
limit thresholds. However, when operating at high current
levels, there may be significant heat generated within the
IC. Careful consideration must be given to the thermal
environment of the IC in order to provide a means to
remove heat from the IC and ensure that the LT3154 is
able to provide its full rated output current. Specifically,
the exposed die attach pad of both the LQFN package must
be soldered to a copper layer on the PCB to maximize the
conduction of heat out of the IC package. This can be ac‑
complished by utilizing multiple vias from the die attach
pad connection underneath the IC package to other PCB
layer(s) containing large copper planes. A recommended
board layout incorporating these concepts is show in Fig‑
ure 4. Typical temperature rise versus load current curves
using Figure 4 PCB are given in the Typical Performance
Characteristics section.
If the IC die temperature exceeds approximately 170°C,
thermal shutdown will be invoked and all switching will
be inhibited. The part will remain disabled until the die
temperature cools by approximately 10°C. The soft‑start
circuit is re‑initialized in thermal shutdown to provide a
smooth recovery when the die temperature cools enough
to resume operation.
Application circuits for the LT3154 are shown through‑
out the data sheet with varied use of pin‑strapped/default
or programmable operation as described in the Quick
Reference section. The selection of external components
is dependent upon the required performance of each par‑
ticular application given considerations and trade‑offs
such as PCB area, input and output voltage range, output
voltage ripple, required efficiency, thermal considerations
and cost. This section of the data sheet provides some
basic guidelines and considerations to aid in the selection
of external components and the design of the applications
circuit.
Inductor Selection
The choice of inductor used in LT3154 applications influ‑
ences the maximum deliverable output current, the con‑
verter bandwidth, the magnitude of the inductor current
ripple and the overall converter efficiency. The inductor
must have a low DC series resistance or output current
capability and efficiency will be compromised. Larger
inductor values reduce inductor current ripple but will
not increase output current capability as is the case with
peak current mode control as described in the “Inductor
Current Sense and Maximum Output Current” section of
APPLICATIONS INFORMATION
this data sheet. Larger value inductors also tend to have
a higher DC series resistance for a given case size, which
will have a negative impact on efficiency. Larger values of
inductance will also lower the Right Half Plane (RHP) zero
frequency when operating in boost mode, which requires
the converter bandwidth to be set lower in frequency,
slowing the converter’s response to load transients.
f RHPZ=
VIN2 •RL
VOUT2 •2π •L
(Hz)
Regardless of inductor value, the saturation current rating
should be selected such that it is greater than the worst
case average inductor current plus half of the ripple cur‑
rent. The peak‑to‑peak inductor current ripple for each
operational mode can be calculated from the following
formula, where fSW is the switching frequency in MHz
and L is the inductance in µH.
ΔIL(P−P)(BUCK) =
VOUT
fSW •L
VIN – VOUT
VIN
⎛
⎝
⎜
⎞
⎠
⎟Amps
ΔIL(P−P)(BOOST) =
VIN
fSW •L
VOUT – VIN
VOUT
⎛
⎝
⎜
⎞
⎠
⎟Amps
It should be noted that the worst case inductor peak‑to‑
peak inductor ripple current occurs when the duty cycle in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com