Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3154AVPBF Datasheet(PDF) 20 Page - Analog Devices

Part # LT3154AVPBF
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3154AVPBF Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3154AVPBF Datasheet HTML 16Page - Analog Devices LT3154AVPBF Datasheet HTML 17Page - Analog Devices LT3154AVPBF Datasheet HTML 18Page - Analog Devices LT3154AVPBF Datasheet HTML 19Page - Analog Devices LT3154AVPBF Datasheet HTML 20Page - Analog Devices LT3154AVPBF Datasheet HTML 21Page - Analog Devices LT3154AVPBF Datasheet HTML 22Page - Analog Devices LT3154AVPBF Datasheet HTML 23Page - Analog Devices LT3154AVPBF Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LT3154
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Examining the previous equations reveals that the output
voltage ripple increases with load current and is gener‑
ally higher in boost mode than in buck mode. Note that
these equations only take into account the voltage ripple
that occurs from the inductor current to the output being
discontinuous. They provide a good approximation to the
ripple at any significant load current but underestimate the
output voltage ripple at very light loads where the output
voltage ripple is dominated by the inductor current ripple.
In addition to the output voltage ripple generated across
the output capacitance, there is also output voltage ripple
produced across the internal resistance of the output
capacitor. The ESR‑generated output voltage ripple is
proportionaltotheseriesresistanceoftheoutputcapacitor
and is given by the following expressions where RESR is
the series resistance of the output capacitor and all other
terms as previously defined.
ΔVP−P(BUCK) = ΔIL RESRVolts
ΔVP−P(BOOST) =ILOADRESR
VOUT
VIN
⎛
⎝
⎜
⎞
⎠
⎟Volts
In most LT3154 applications, an output capacitor between
68µF and 220µF from PVOUT to PGND will work well. An
additional low value ceramic capacitor such as 4.7µF can
be placed between VOUT and GND to reduce switching
noise to the control circuitry.
Input Capacitor Selection
The PVIN pin carries the full inductor current and provides
power to internal switches and drivers where VIN powers
control circuits in the IC. To minimize input voltage ripple
and ensure proper operation of the IC, a low ESR bypass
capacitor with a value of at least 22µF should be located
as close to PVIN as possible. The traces connecting this
capacitor to PVIN and the ground plane (PGND) should be
madeasshortaspossible.Anadditionallowvalueceramic
capacitor such as 2.2µF can be placed between VIN and
GND to reduce switching noise to the control circuitry.
Recommended Input and Output Capacitors
The capacitors used to filter the input and output of the
LT3154 must have low ESR and must be rated to handle
the large AC currents generated by the switching con‑
verters. While there are many capacitor types for these
applications (including low ESR tantalum, OS‑CON and
POSCAP),ceramiccapacitorsareoftenutilizedinswitching
converter applications due to their small size, low ESR and
low leakage currents. Table 6 provides a partial listing of
multilayer ceramic capacitors. Many ceramic capacitors
intended for power applications experience a significant
loss in capacitance from their rated value as the DC bias
voltage on the capacitor increases. It is not uncommon for
a small surface mount capacitor to lose more than 50%
of its rated capacitance when operated nears it maximum
rated voltage. This effect is generally reduced as the case
size is increased for the same nominal value capacitor. As a
result,itisoftennecessarytousealargervaluecapacitance
or a higher voltage rated capacitor than would ordinarily
be required to actually realize the intended capacitance at
the operating voltage of the application. X5R, X6S, X7R
or X8R dielectric types are recommended as they exhibit
the best performance over the wide operating range and
temperature. To verify that the intended capacitance is
achieved in the application circuit, be sure to consult the
capacitorvendor’scurveofcapacitancevsDCbiasvoltage.
Table 6. Representative Multilayer Ceramic Capacitors
Part Series
Values
(µF)
Voltage
(V)
Capacitor
Types
AVX
www.avx.com
0805, 1206, 1210
Up to 100
6.3, 10
X5R, X6S, X7R
Kemet
www.kemet.com
C0805–C1210
Up to 100
6.3, 10
X5R, X7R
Murata
www.murata.com
GRM
Up to 100
6.3, 10
X5R, X7R
Taiyo Yuden
www.t‑yuden.com
EMK, JMK, LMK
Up to 47
6.3, 10
X5R, X6S, X7R
TDK
www.tdk.com
CGA4 – CGA9
Up to 47
6.3
X5R, X7R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com