Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3154AVPBF Datasheet(PDF) 15 Page - Analog Devices

Part # LT3154AVPBF
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3154AVPBF Datasheet(HTML) 15 Page - Analog Devices

Back Button LT3154AVPBF Datasheet HTML 11Page - Analog Devices LT3154AVPBF Datasheet HTML 12Page - Analog Devices LT3154AVPBF Datasheet HTML 13Page - Analog Devices LT3154AVPBF Datasheet HTML 14Page - Analog Devices LT3154AVPBF Datasheet HTML 15Page - Analog Devices LT3154AVPBF Datasheet HTML 16Page - Analog Devices LT3154AVPBF Datasheet HTML 17Page - Analog Devices LT3154AVPBF Datasheet HTML 18Page - Analog Devices LT3154AVPBF Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LT3154
15
Rev. 0
For more information www.analog.com
OPERATION
generates an output, VC, used by the current mode con‑
trol loop to command the appropriate inductor current
level. To ensure stability, external frequency compensa‑
tion components (RC, CC and CHF) must be installed
between VC and GND. The procedure for determining
these components is provided in the Applications Section
of this data sheet.
VC is internally connected to the non‑inverting input of
a second amplifier, referred to in Figure 2 as I_AMP. The
inverting input of the average current amplifier is con‑
nected to the inductor current sense resistor RCS with
a 200mV offset. I_AMP contains an internal averaging
filter and frequency compensation network to stabilize
operation of the internal current loop. The average cur‑
rent amplifier’s output (ICOMP) provides the cycle‑by‑cycle
duty cycle command into the buck‑boost PWM circuitry.
The non‑inverting reference level input to the average
current amplifier is VC and the feedback or inverting input
is driven from the inductor current sensing circuitry. The
inductor current sensing circuitry alternately measures
the current through switches A and B. The output of the
sensing circuitry produces a voltage across resistor RCS
thatresemblestheinductorcurrentwaveformtransformed
to a voltage. If there is an increase in the power converter
load on VOUT, the instantaneous level of VOUT will drop
slightly, which will increase the voltage level on VC by
the inverting action of the voltage error amplifier. When
the increase on VC first occurs, the output of the current
averaging amplifier, ICOMP, will increase momentarily to
command a larger duty cycle. This duty cycle increase will
result in a higher inductor current level, ultimately raising
the average voltage across RCS. Once the average value of
the voltage on RCS is equivalent to the VC level, the voltage
onICOMPwillrevertverycloselytoitspreviouslevelintothe
PWM and force the correct duty cycle to maintain voltage
regulation at this new higher inductor current level. The
average current amplifier is configured, so in steady state,
theaveragevalueofthevoltageappliedtoitsinvertinginput
(voltage across RCS) will be equivalent to the voltage on
its non‑inverting input VC. As a result, the average value
of the inductor current is controlled in order to maintain
voltage regulation. The entire current amplifier and PWM
can be simplified as a voltage controlled current source,
with the driving voltage coming from VC.
ThevoltageerroramplifiermonitorsVOUTthroughavoltage
divider and makes adjustments to the current command
as necessary to maintain regulation. The voltage error
amplifier therefore controls the outer voltage regulation
loop. The average current amplifier makes adjustments
to the inductor current as directed by the voltage Error
Amplifier output via VC and is commonly referred to as
the inner current loop amplifier. The average current mode
control technique is similar to peak current mode control
except that the average current amplifier controls aver‑
age current instead of the peak current. This difference
eliminates the peak to average current error inherent to
peak current mode control, while maintaining most of
the advantages inherent to peak current mode control.
Control loop compensation techniques are detailed in the
Applications section of this data sheet.
Inductor Current Sense and Maximum Output Current
As part of the current control loop, the LT3154 has cur‑
rent sense circuitry that measures the inductor current
of the buck‑boost converter as shown in Figure 2. This
circuitry measures the current through switches A and B
separately and produces proportional output currents that
are summed at the current sense resistor RCS. Sensed A
and B switch currents form a voltage replica of the induc‑
tor current at RCS, which is used by the average current
amplifier as described in the Quick Reference section.
The voltage amplifier output, VC, is internally clamped to a
nominal value of 0.9V. Since the average inductor current
is proportional to VC, the 0.9V clamp sets the maximum
average inductor current that can be programmed by the
inner current loop. Taking into account the current sense
amplifier’s gain and the value of RCS, the maximum aver‑
age inductor current is 7A typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com