Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3154AVPBF Datasheet(PDF) 14 Page - Analog Devices

Part # LT3154AVPBF
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3154AVPBF Datasheet(HTML) 14 Page - Analog Devices

Back Button LT3154AVPBF Datasheet HTML 10Page - Analog Devices LT3154AVPBF Datasheet HTML 11Page - Analog Devices LT3154AVPBF Datasheet HTML 12Page - Analog Devices LT3154AVPBF Datasheet HTML 13Page - Analog Devices LT3154AVPBF Datasheet HTML 14Page - Analog Devices LT3154AVPBF Datasheet HTML 15Page - Analog Devices LT3154AVPBF Datasheet HTML 16Page - Analog Devices LT3154AVPBF Datasheet HTML 17Page - Analog Devices LT3154AVPBF Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LT3154
14
Rev. 0
For more information www.analog.com
OPERATION
Automatic Burst Mode Operation
When the SYNC/MODE pin is held low, the LT3154 is
configured for automatic Burst mode operation. As a
result, the buck‑boost DC/DC converter will operate with
normalcontinuousPWMswitchingaboveapredetermined
average inductor current and will automatically transition
to power saving Burst mode operation below this level.
Refer to the Typical Performance Characteristics section
of this data sheet to determine the Burst mode transition
threshold for various combinations of VIN and VOUT. With
SYNC/MODE low, at light output loads, the LT3154 will
go into a standby or sleep state when the output voltage
achieves its nominal regulation level. The sleep state
halts PWM switching and powers down all non‑essential
functions of the IC, significantly reducing the quiescent
currentoftheLT3154.Thisgreatlyimprovesoverallpower
conversion efficiency when the output load is light. Since
the converter is not operating in sleep, the output voltage
will slowly decay at a rate determined by the output load
resistanceandtheoutputcapacitorvalue.Whentheoutput
voltage has decayed by a small amount, typically less than
1%, the LT3154 will wake up and resume normal PWM
switching operation until the voltage on VOUT is restored
to the previous level. If the load is very light, the LT3154
may only need to switch for a few cycles to restore VOUT
and may sleep for extended periods of time, significantly
improving efficiency.
Average Current Mode Control
The LT3154 utilizes Average Current mode control for the
pulse width modulator as shown inFigure 2. Current mode
control, both average and the better known peak method,
enjoy some benefits compared to other control methods
including: simplified loop compensation, rapid response
to load transients and inherent line voltage rejection.
Referring to Figure 2, an internal high gain transcon‑
ductance error amplifier labeled V_AMP monitors VOUT
through a voltage divider connected to the FB node and
VC
IL
ICOMP
CC
RC
VOUT
FB
CHF
3154 F02
0.99V
R3
RCS
SW2
PWM
DRIVE
LOGIC
TO
SWITCHES
PWM RAMPS/
OSCILLATOR
SW1
V_AMP
I_AMP
INDUCTOR
CURRENT SENSE
R4
0.9V
CLAMP
INTERNAL
CURRENT
AMPLIFIER
Figure 2. Average Current Mode Control Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com