Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3154AVPBF Datasheet(PDF) 2 Page - Analog Devices

Part # LT3154AVPBF
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3154AVPBF Datasheet(HTML) 2 Page - Analog Devices

  LT3154AVPBF Datasheet HTML 1Page - Analog Devices LT3154AVPBF Datasheet HTML 2Page - Analog Devices LT3154AVPBF Datasheet HTML 3Page - Analog Devices LT3154AVPBF Datasheet HTML 4Page - Analog Devices LT3154AVPBF Datasheet HTML 5Page - Analog Devices LT3154AVPBF Datasheet HTML 6Page - Analog Devices LT3154AVPBF Datasheet HTML 7Page - Analog Devices LT3154AVPBF Datasheet HTML 8Page - Analog Devices LT3154AVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LT3154AV#PBF
Au (RoHS)
LHGJ
e4
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
• Contact the factory for parts specified with wider operating
temperature ranges. *Pad or ball finish code is per IPC/JEDEC
J‑STD‑609.
• Recommended LGA and BGA PCB Assembly and Manufacturing Procedures
• LGA and BGA Package and Tray Drawings
LT3154
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
PVIN, VIN, PVOUT, VOUT ................................ –0.3V to 6V
SW1, SW2 Voltage (Notes 4, 6)
DC............................................................ –0.3V to 6V
PULSED (< 100ns) ....................................–1.0V to 7V
All Other Pins............................................... –0.3V to 6V
Operating Junction Temperature Range (Notes 2, 3, 5)
LT3154E/LT3154I............................... –40°C to 125°C
LT3154J............................................. –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
17
PGND
12
11
10
9
1
2
3
4
16 15 14 13
5
6
7
8
PVIN
PVIN
VIN
EN/UVLO
PVOUT
VOUT
VC
FB
TOP VIEW
LQFN PACKAGE
16-LEAD (3mm × 3mm × 0.74mm)
TJMAX = 150°C, DEMOBOARD θJA = 22°C/W
θJC = 9°C/W, JEDEC θJA = 42°C/W (NOTE 5)
EXPOSED PAD (PIN 17) IS PGND, MUST BE SOLDERED TO PCB
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com