Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3154AVPBF Datasheet(PDF) 17 Page - Analog Devices

Part # LT3154AVPBF
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3154AVPBF Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3154AVPBF Datasheet HTML 13Page - Analog Devices LT3154AVPBF Datasheet HTML 14Page - Analog Devices LT3154AVPBF Datasheet HTML 15Page - Analog Devices LT3154AVPBF Datasheet HTML 16Page - Analog Devices LT3154AVPBF Datasheet HTML 17Page - Analog Devices LT3154AVPBF Datasheet HTML 18Page - Analog Devices LT3154AVPBF Datasheet HTML 19Page - Analog Devices LT3154AVPBF Datasheet HTML 20Page - Analog Devices LT3154AVPBF Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LT3154
17
Rev. 0
For more information www.analog.com
EN/UVLO Pin Comparator and VIN UVLO
In addition to serving as a logic level input to enable cer‑
tain functions of the device, the EN/UVLO pin includes an
accurate internal comparator that allows custom rising
and falling ON/OFF thresholds for VIN to be set with the
addition of external resistor dividers. When the EN/UVLO
pin is driven above a logic threshold (0.7V typical) certain
control circuitry of the IC is enabled, drawing additional
quiescent current. If the EN/UVLO voltage is increased
further, so that it exceeds the accurate comparator rising
threshold (1.2V nominal), all functions of the buck‑boost
converter will be enabled and a startup sequence will
commence, assuming the VIN is above the UVLO level
(see Figure 3). If EN/UVLO is brought below the accurate
comparator falling threshold (1.1V nominal), the buck‑
boost converter will inhibit switching, but certain control
circuitry will remain powered until EN/UVLO is brought
belowthelogicthreshold.Inordertocompletelyshutdown
the IC and reduce the VIN currents to < 1µA (typical), it is
necessary to ensure that EN/UVLO is brought below the
worst case low logic threshold of 0.3V.
In addition to the EN/UVLO pin comparators, the LT3154
incorporates additional under voltage lockout (UVLO)
circuits to control operation. The VIN UVLO comparator
prevents operation below 1.8V over temperature (typical
values are 1.7V rising/1.6V falling).
OPERATION
+
–
+
–
+
–
VIN
R1
ENABLE
SWITCHING
ENABLE
INTERNAL CIRCUITS
1.7V
1.2V
0.7V
EN/UVLO
3154 F03
R2
VIN
VIN UVLO
ACCURATE
LOGIC
LEVEL
Figure 3. Accurate and Logic Level EN/UVLO
Pin Comparators and VIN UVLO
Soft-Start
TheLT3154soft‑startcircuitminimizesinputcurrenttran‑
sients and output voltage overshoot on initial power‑up.
An internal soft‑start interval of approximately 2.2ms can
be selected by connecting SS to VIN, eliminating the need
for an external SS capacitor. For applications requiring a
longer or custom soft‑start period, an external capacitor
on SS sets soft‑start period according to the formula:
CSS(nF)= 1.25 • tSS(ms)
The soft‑start circuit slowly ramps the Error Amplifier
output at VC. In doing so, the current command of the
IC is slowly increased, starting from zero. The soft‑start
period is defined as the time it takes the internal or external
SS capacitor to ramp to 0.8V, allowing VC to command
full rated current. In most situations, VOUT comes into
regulation without needing full inductor current, resulting
in power‑up times at a fraction of the soft‑start period.
After initial power‑up, soft‑start can be reset by VIN UVLO
asserting, Thermal Shutdown, or a VOUT short circuit.
Aninternal40kresistorisusedtodischargetheexternalSS
capacitor in shutdown. If SS is connected to VIN,EN/UVLO
should be initially enabled during VIN power‑up to allow
the LT3154 to determine the internal SS pin configuration
and ensure low current shutdown. Otherwise, an external
SS capacitor is recommended for applications where EN/
UVLO is controlled through a microprocessor (see Note 7
in the Electrical Characteristics section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com