Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 129 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 125Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 126Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 127Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 128Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 129Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 130Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 131Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 132Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
I2C interface
129/300
23.8
I2C interface control register (S1CON)
Table 75.
Serial control register S1CON (SFR DCh, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CR2
ENI1
STA
STO
ADDR
AA
CR[1:0]
Table 76.
S1CON register bit definition
Bit
Symbol
R/W
Function
7CR2
R,W
This bit, along with bits CR1 and CR0, determine the SCL
clock frequency (fSCL) when SIOE is in Master mode. These
bits create a clock divisor for fOSC. See Table 77.
6ENI1
R,W
I2C Interface Enable
0 = SIOE disabled, 1 = SIOE enabled. When disabled, both
SDA and SCL signals are in high impedance state.
5STA
R,W
START flag.
When set, Master mode is entered and SIOE generates a
Start condition only if the I2C bus is not busy. When a Start
condition is detected on the bus, the STA flag is cleared by
hardware. When the STA bit is set during an interrupt service,
the Start condition will be generated after the interrupt service.
4STO
R,W
STOP flag
When STO is set in Master mode, the SIOE generates a Stop
condition. When a Stop condition is detected, the STO flag is
cleared by hardware. When the STO bit is set during an
interrupt service, the Stop condition will be generated after the
interrupt service.
3
ADDR
R,W
This bit is set when an address byte received in Slave mode
matches the device address programmed into the S1ADR
register. The ADDR bit must be cleared with firmware.
2AA
R,W
Assert Acknowledge enable
If AA = 1, an acknowledge signal (low on SDA) is automatically
returned during the acknowledge bit-time on the SCL line
when any of the following three events occur:
1.
SIOE in Slave mode receives an address that
matches contents of S1ADR register
2.
A data byte has been received while SIOE is in
Master Receiver mode
3.
A data byte has been received while SIOE is a
selected Slave Receiver
When AA = 0, no acknowledge is returned (high on SDA
during acknowledge bit-time).
1, 0
CR1, CR0
R,W
These bits, along with bit CR2, determine the SCL clock
frequency (fSCL) when SIOE is in Master mode. These bits
create a clock divisor for fOSC. See Table 77 for values.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com