Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 132 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 128Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 129Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 130Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 131Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 132Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 133Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 134Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 135Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
I2C interface
UPSD3422, UPSD3433, UPSD3434, UPSD3454
132/300
While transmitting, bytes are shifted out MSB first, and when receiving, bytes are shifted in
MSB first, through the Acknowledge Bit register as shown in Figure 42 on page 128.
23.10.1
Bus wait condition
After the SIOE finishes receiving a byte in Receive mode, or transmitting a byte in Transmit
mode, the INTR flag (in S1STA) is set and automatically a wait condition is imposed on the
I2C bus (SCL held low by SIOE). In Transmit mode, this wait condition is released as soon
as the MCU writes any byte to S1DAT. In Receive mode, the wait condition is released as
soon as the MCU reads the S1DAT register.
This method allows the user to handle transmit and receive operations within an interrupt
service routine. The SIOE will automatically stall the I2C bus at the appropriate time, giving
the MCU time to get the next byte ready to transmit or time to read the byte that was just
received.
23.11
I2C address register (S1ADR)
The S1ADR register (Table 82) holds the 7-bit device address used when the SIOE is
operating as a Slave. When the SIOE receives an address from a Master, it will compare
this address to the contents of S1ADR, as shown in Figure 42 on page 128.
If the 7 bits match, the INTR Interrupt flag (in S1STA) is set, and the ADDR Bit (in S1CON) is
set. The SIOE cannot modify the contents S1ADR, and S1ADR is not used during Master
mode.
Table 80.
S1DAT: I2C data shift register (SFR DEh, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
S1DAT[7:0]
Table 81.
S1DAT register bit definition
Bit
Symbol
R/W
Function
7:0
S1DAT[7:0]
R/W
Holds the data byte to be transmitted in Transmit mode, or it
holds the data byte received in Receiver mode.
Table 82.
S1ADR: I2C address register (SFR DFh, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SLA6
SLA5
SLA4
SLA3
SLA2
SLA1
SLA0
–
Table 83.
S1ADR register bit definition
Bit
Symbol
R/W
Function
7:1
SLA[6:0]
R/W
Stores desired 7-bit device address, used when SIOE is in
Slave mode.
0
–
–
Not used
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com