Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 145 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 145 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 141Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 142Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 143Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 144Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 145Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 146Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 147Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 148Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
SPI (synchronous peripheral interface)
145/300
Figure 46.
SPI transmit operation example
24.4
SPI SFR registers
Six SFR registers control the SPI interface:
●
SPICON0 (Table 89) for interface control
●
SPICON1 (Table 91) for interrupt control
●
SPITDR (SFR D4h, Write only) holds byte to transmit
●
SPIRDR (SFR D5h, Read only) holds byte received
●
SPICLKD (Table 93) for clock divider
●
SPISTAT (Table 95 on page 149) holds interface status
The SPI interface functional block diagram (Figure 47) shows these six SFRs. Both the
transmit and receive data paths are double-buffered, meaning that continuous transmitting
or receiving (back-to-back transfer) is possible by reading from SPIRDR or writing data to
SPITDR while shifting is taking place. There are a number of flags in the SPISTAT register
that indicate when it is full or empty to assist the 8032 MCU in data flow management. When
enabled, these status flags will cause an interrupt to the MCU.
Bit0
SPICLK
(SPO=0)
SPICLK
(SPO=1)
SPITXD
Bit1
Bit7
Bit0
Bit1
Bit7
1 frame
TISF
TEISF
BUSY
SPIINTR
SPITDR Empty
interrupt requested
Interrupt handler
write data in TDR
SPITDR Empty
interrupt requested
Transmit End
interrupt requested
SPISEL
AI07854
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com