Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 147 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 143Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 144Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 145Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 146Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 147Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 148Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 149Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 150Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
SPI (synchronous peripheral interface)
147/300
16, 20, all the way up to 252. For example, if SPICLKD contains 24h, SPICLK has the
frequency of PERIH_CLK divided by 36 decimal.
The SPICLK frequency must be set low enough to allow the MCU time to read received data
bytes without loosing data. This is dependent upon many things, including the crystal
frequency of the MCU and the efficiency of the SPI firmware.
24.6
Dynamic control
At runtime, bits in registers SPICON0, SPICON1, and SPISTAT are managed by firmware
for dynamic control over the SPI interface. The bits Transmitter Enable (TE) and Receiver
Enable (RE) when set will allow transmitting and receiving respectively. If TE is disabled,
both transmitting and receiving are disabled because SPICLK is driven to constant output
logic ‘0’ (when SPO = 0) or logic '1' (when SPO = 1).
When the SSEL Bit is set, the SPISEL pin will drive to logic '0' (active) to select a connected
slave device at the appropriate time before the first data bit of a byte is transmitted, and
SPISEL will automatically return to logic '1' (inactive) after transmitting the eight bit of data,
as shown in Figure 46 on page 145. SPISEL will continue to automatically toggle this way
for each byte data transmission while the SSEL bit is set by firmware. When the SSEL Bit is
cleared, the SPISEL pin will drive to constant logic '1' and stay that way (after a transmission
in progress completes).
The Interrupt Enable Bits (TEIE, RORIE,TIE, and RIE) when set, will allow an SPI interrupt
to be generated to the MCU upon the occurrence of the condition enabled by these bits.
Firmware must read the four corresponding flags in the SPISTAT register to determine the
specific cause of interrupt. These flags are automatically cleared when firmware reads the
SPISTAT register.
Table 89.
SPICON0: control register 0 (SFR D6h, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
TE
RE
SPIEN
SSEL
FLSB
SBO
–
Table 90.
SPICON0 register bit definition
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6TE
RW
Transmitter Enable
0 = Transmitter is disabled
1 = Transmitter is enabled
5RE
RW
Receiver Enable
0 = Receiver is disabled
1 = Receiver is enabled
4
SPIEN
RW
SPI Enable
0 = Entire SPI Interface is disabled
1 = Entire SPI Interface is enabled
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com