Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 180 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 180 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 176Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 177Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 178Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 179Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 180Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 181Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 182Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 183Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Analog-to-digital convertor (ADC)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
180/300
1ADST
ADC start bit
0 = Force to zero
1 = Start ADC, then after one cycle, the bit is cleared to '0.'
0ADSF
ADC Status Bit
0 = ADC conversion is not completed
1 = ADC conversion is completed. The bit can also be cleared with software.
Table 140.
ADCPS register details (SFR 94h, Reset Value 00h)
Bit
Symbol
Function
7:4
–
Reserved
3
ADCCE
ADC conversion reference clock enable
0 = ADC reference clock is disabled (default)
1 = ADC reference clock is enabled
2:0
ADCPS[2:0]
ADC reference clock prescaler
Only three Prescaler values are allowed:
ADCPS[2:0] = 0, for fOSC frequency 16MHz or less. Resulting ADC clock is
fOSC.
ADCPS[2:0] = 1, for fOSC frequency 32MHz or less. Resulting ADC clock is
fOSC/2.
ADCPS[2:0] = 2, for fOSC frequency 32MHz > 40MHz. Resulting ADC clock
is fOSC/4.
Table 141.
ADAT0 register (SFR 95h, reset value 00h)
Bit
Symbol
Function
7:0
–
Store ADC output, Bit 7 - 0
Table 142.
ADAT1 register (SFR 96h, reset value 00h)
Bit
Symbol
Function
7:2
–
Reserved
1.. 0
–
Store ADC output, Bit 9, 8
Table 139.
ACON register bit definition (continued)
Bit
Symbol
Function
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com