Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 183 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 183 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 179Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 180Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 181Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 182Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 183Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 184Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 185Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 186Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
Programmable counter array (PCA) with PWM
183/300
27.3
Operation of TCM modes
Each of the TCM in a PCA block supports four modes of operation. However, an exception is
when the TCM is configured in PWM Mode with programmable frequency. In this mode, all
TCM in a PCA block must be configured in the same mode or left to be not used.
27.4
Capture mode
The CAPCOM registers in the TCM are loaded with the counter values when an external pin
input changes state. The user can configure the counter value to be loaded by positive
edge, negative edge or any transition of the input signal. At loading, the TCM can generate
an interrupt if it is enabled.
27.5
Timer mode
The TCM modules can be configured as software timers by enable the comparator. The
user writes a value to the CAPCOM registers, which is then compared with the 16-bit
counter. If there is a match, an interrupt can be generated to CPU.
Table 144.
CCON2 register bit definition (SFR 0FBh, reset value 10h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
–
PCA0CE
PCA0PS3
PCA0PS2
PCA0PS1
PCA0PS0
Table 145.
CCON2 register bit definition
Bit
Symbol
R/W
Definition
4PCA0CE
R/W
PCA0 Clock Enable
0 = PCA0CLK is disabled
1 = PCA0CLK is enabled (default)
3:0
PCA0PS
[3:0]
R/W
PCA0 Prescaler
fPCA0CLK = fOSC / (2 ^ PCA0PS[3:0])
Divisor range: 1, 2, 4, 8, 16... 16384, 32768
Table 146.
CCON3 register bit definition (SFR 0FCh, reset value 10h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
–
PCA1CE
PCA1PS3
PCA1PS2
PCA1PS1
PCA1PS0
Table 147.
CCON3 register bit definition
Bit
Symbol
R/W
Definition
4PCA1CE
R/W
PCA1 Clock Enable
0 = PCA1CLK is disabled
1 = PCA1CLK is enabled (default)
3:0
PCA1PS
[3:0]
R/W
PCA1 Prescaler
fPCA1CLK = fOSC / (2 ^ PCA1PS[3:0])
Divisor range: 1, 2, 4, 8, 16... 16384, 32768
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com