Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC86X Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC86X
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 17Page - NXP Semiconductors LPC86X Datasheet HTML 18Page - NXP Semiconductors LPC86X Datasheet HTML 19Page - NXP Semiconductors LPC86X Datasheet HTML 20Page - NXP Semiconductors LPC86X Datasheet HTML 21Page - NXP Semiconductors LPC86X Datasheet HTML 22Page - NXP Semiconductors LPC86X Datasheet HTML 23Page - NXP Semiconductors LPC86X Datasheet HTML 24Page - NXP Semiconductors LPC86X Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
21 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
Remark: The functionality of each I/O pin is flexible and is determined entirely through the
switch matrix. See Section 8.9 for details.
8.8.1 Standard I/O pad configuration
Figure 8 shows the possible pin modes for standard I/O pins with analog input function:
• Digital output driver with configurable open-drain output.
• Digital input: Weak pull-up resistor (PMOS device) enabled/disabled.
• Digital input: Weak pull-down resistor (NMOS device) enabled/disabled.
• Digital input: Repeater mode enabled/disabled.
• Digital input: Programmable input digital filter selectable on all pins.
• Analog input: Selected through the switch matrix.
Fig 8.
Standard I/O pad configuration
PIN
VDD
VDD
ESD
VSS
ESD
strong
pull-up
strong
pull-down
VDD
weak
pull-up
weak
pull-down
open-drain enable
output enable
repeater mode
enable
pull-up enable
pull-down enable
select data
inverter
data output
data input
analog input
SWM PINENABLE for
analog input
pin configured
as digital output
driver
pin configured
as digital input
pin configured
as analog input
PROGRAMMABLE
DIGITAL FILTER
aaa-014392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com