Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC86X Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC86X
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC86X Datasheet HTML 1Page - NXP Semiconductors LPC86X Datasheet HTML 2Page - NXP Semiconductors LPC86X Datasheet HTML 3Page - NXP Semiconductors LPC86X Datasheet HTML 4Page - NXP Semiconductors LPC86X Datasheet HTML 5Page - NXP Semiconductors LPC86X Datasheet HTML 6Page - NXP Semiconductors LPC86X Datasheet HTML 7Page - NXP Semiconductors LPC86X Datasheet HTML 8Page - NXP Semiconductors LPC86X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
4 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
4. Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC865M201JBD64
LQFP64
Plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm SOT314-2
LPC865M201JHI48
HVQFN48
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 48 terminals; body 7
 7  0.85 mm
SOT619-1
LPC865M201JHI33
HVQFN32
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 32 terminals; body 5
 5  0.85 mm
SOT617-11
Table 2.
Ordering options
Type number
CPU/MHz Flash/KB SRAM/KB USART
I2C
I3C
SPI
GPIO
Package
LPC865M201JBD64
60
64
8
3
1
1
2
54
LQFP64
LPC865M201JHI48
60
64
8
3
1
1
2
42
HVQFN48
LPC865M201JHI33
60
64
8
3
1
1
2
29
HVQFN32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com