Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC86X Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC86X
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC86X Datasheet HTML 1Page - NXP Semiconductors LPC86X Datasheet HTML 2Page - NXP Semiconductors LPC86X Datasheet HTML 3Page - NXP Semiconductors LPC86X Datasheet HTML 4Page - NXP Semiconductors LPC86X Datasheet HTML 5Page - NXP Semiconductors LPC86X Datasheet HTML 6Page - NXP Semiconductors LPC86X Datasheet HTML 7Page - NXP Semiconductors LPC86X Datasheet HTML 8Page - NXP Semiconductors LPC86X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 99 page
background image
1. General description
The LPC86x is an Arm Cortex-M0+ based, low-cost 32-bit MCU family operating at CPU
frequencies of up to 60 MHz. The LPC86x supports up to 64 KB of flash memory and
8 KB of SRAM.
The peripheral complement of the LPC86x includes a CRC engine, one I2C-bus interface,
one I3C-MIPI bus interface, up to three USARTs, up to two SPI interfaces, one multi-rate
timer, self-wake-up timer, two FlexTimers (one with full motor control feature), a DMA, one
12-bit ADC, one analog comparator, function-configurable I/O ports through a switch
matrix, an input pattern match engine, and up to 54 general-purpose I/O pins.
For additional information related to the LPC86x parts, see Section 4.
2. Features and benefits
System:
Arm Cortex-M0+ processor (revision r0p1), running at frequencies of up to 60 MHz
with single-cycle multiplier and fast single-cycle I/O port.
Arm Cortex-M0+ built-in Nested Vectored Interrupt Controller (NVIC).
System tick timer.
AHB multilayer matrix.
Serial Wire Debug (SWD) with four break points and two watch points. JTAG
boundary scan (BSDL) supported only.
Memory:
Up to 64 KB on-chip flash programming memory with 64 Byte page write and
erase.
Code Read Protection (CRP).
Up to 8 KB SRAM consisting of contiguous SRAM banks.
Bit-band addressing is supported to permit atomic operations to modify a single bit.
ROM API support:
Boot loader.
Supports Flash In-Application Programming (IAP).
Supports In-System Programming (ISP) through USART.
FRO API.
Digital peripherals:
LPC86x
32-bit Arm® Cortex®-M0+ microcontroller; up to 64 KB flash
and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
Rev. 3 — 28 April 2023
Product data sheet


Similar Part No. - LPC86X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC800 NXP-LPC800 Datasheet
5Mb / 24P
NXP LPC microcontrollers
November 2012
LPC802 NXP-LPC802 Datasheet
2Mb / 83P
32-bit ARM Cortex-M0 microcontroller
Rev. 1.6-27 April 2018
LPC804 NXP-LPC804 Datasheet
2Mb / 81P
32-bit Arm짰 Cortex짰-M0 microcontroller
Rev. 1.3-23 March 2018
LPC804 NXP-LPC804 Datasheet
3Mb / 89P
32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
Rev.2.0-21 September2021
LPC804 NXP-LPC804 Datasheet
1Mb / 89P
32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
Rev. 2.1 - 25 July 2023
More results

Similar Description - LPC86X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC1102 NXP-LPC1102_11 Datasheet
292Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC82X PHILIPS-LPC82X_15 Datasheet
1Mb / 81P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1-1 October 2014
logo
Holtek Semiconductor In...
HT32F0008 HOLTEK-HT32F0008 Datasheet
1Mb / 46P
32-Bit Arm Cortex -M0 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC112X NXP-LPC112X Datasheet
1Mb / 63P
32-bit ARM Cortex-M0 microcontroller; 64 kB flash and 8 kB SRAM; 12-bit ADC
Rev. 1-24 February 2015
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
LPC82X NXP-LPC82X_V01 Datasheet
2Mb / 85P
32-bit ARM® Cortex®-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1.5 - 7 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com