Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC86X Datasheet(PDF) 87 Page - NXP Semiconductors

Part # LPC86X
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 83Page - NXP Semiconductors LPC86X Datasheet HTML 84Page - NXP Semiconductors LPC86X Datasheet HTML 85Page - NXP Semiconductors LPC86X Datasheet HTML 86Page - NXP Semiconductors LPC86X Datasheet HTML 87Page - NXP Semiconductors LPC86X Datasheet HTML 88Page - NXP Semiconductors LPC86X Datasheet HTML 89Page - NXP Semiconductors LPC86X Datasheet HTML 90Page - NXP Semiconductors LPC86X Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
87 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
Fig 40. Package outline HVQFN32 5x 5x 0.85 mm (SOT617-11)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT617-11
sot617-11_po
12-09-11
13-01-29
Unit
mm
max
nom
min
1.00
0.85
0.80
0.05
0.02
0.00
0.2
5.1
5.0
4.9
3.8
3.7
3.6
5.1
5.0
4.9
0.5
3.5
0.45
0.40
0.35
0.1
A
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
HVQFN32: plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5 x 5 x 0.85 mm
SOT617-11
A1
b
0.30
0.21
0.18
cD(1)
Dh
E(1)
Eh
3.8
3.7
3.6
ee1
e2
3.5
Lv
0.1
w
0.05
y
0.05
y1
0
5 mm
scale
terminal 1
index area
B
A
D
E
MO-220
C
y
C
y1
X
detail X
A
c
A1
b
e2
e1
e
e
1/2 e
1/2 e
terminal 1
index area
Dh
Eh
L
1
16
9
25
32
8
24
17
A
CB
v
C
w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com