Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC86X Datasheet(PDF) 76 Page - NXP Semiconductors

Part # LPC86X
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 72Page - NXP Semiconductors LPC86X Datasheet HTML 73Page - NXP Semiconductors LPC86X Datasheet HTML 74Page - NXP Semiconductors LPC86X Datasheet HTML 75Page - NXP Semiconductors LPC86X Datasheet HTML 76Page - NXP Semiconductors LPC86X Datasheet HTML 77Page - NXP Semiconductors LPC86X Datasheet HTML 78Page - NXP Semiconductors LPC86X Datasheet HTML 79Page - NXP Semiconductors LPC86X Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
76 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
13.3 Comparator and internal voltage reference
Table 31.
Internal voltage reference static and dynamic characteristics
Tamb = 40 C to +105 C; VDD = 3.3 V; hysteresis disabled in the comparator CTRL register.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VO
output voltage
Tamb = -40 C to 105C
860
-
940
mV
Tamb = 25 C
904
mV
VDD = 3.3 V; characterized through bench measurements on typical samples.
Fig 33. Typical internal voltage reference output voltage
aaa-014424
-40
-10
20
50
80
110
0.890
0.895
0.900
0.905
0.910
temperature (°C)
Vref
ref
VO
(mV)
(mV)
(V)
Table 32.
Comparator characteristics
Tamb = 40 C to +105 C unless noted otherwise; VDD = 1.8 V to 3.6 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
Vref(cmp)
comparator reference
voltage
pin ACMPVREF
1.5
-
3.6
V
IDD
supply current
VP > VM; Tamb = 25 °C; VDD = 3.3 V
[2]
-90
-
A
VM > VP; Tamb = 25 °C; VDD = 3.3 V
[2]
-60
-
A
VIC
common-mode input voltage
0
-
VDD
V
DVO
output voltage variation
0
-
VDD
V
Voffset
offset voltage
VIC = 0.1 V; VDD = 3.0 V
[2]
-3
-
mV
VIC = 1.5 V; VDD = 3.0 V
[2]
-3
-
mV
VIC = 2.9 V; VDD = 3.0V
[2]
-6
-
mV
Dynamic characteristics
tstartup
start-up time
nominal process; VDD = 3.3 V; Tamb =
25
°C
-13
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com