Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC86X Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC86X
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 9Page - NXP Semiconductors LPC86X Datasheet HTML 10Page - NXP Semiconductors LPC86X Datasheet HTML 11Page - NXP Semiconductors LPC86X Datasheet HTML 12Page - NXP Semiconductors LPC86X Datasheet HTML 13Page - NXP Semiconductors LPC86X Datasheet HTML 14Page - NXP Semiconductors LPC86X Datasheet HTML 15Page - NXP Semiconductors LPC86X Datasheet HTML 16Page - NXP Semiconductors LPC86X Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
13 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
PIO0_14/
ACMP_I3/ADC_2
49
37
25
[2]
I; HI-Z
IO
PIO0_14 — General-purpose port 0 input/output 14.
A
ACMP_I3 — Analog comparator common input 3.
A
ADC_2 — ADC input 2.
PIO0_15
30
22
15
[5]
I; HI-Z
IO
PIO0_15 — General-purpose port 0 input/output 15.
PIO0_16
19
15
10
[4]
I; HI-Z
IO
PIO0_16 — General-purpose port 0 input/output 16.
PIO0_17/ADC_9
63
48
32
[2]
I; HI-Z
IO
PIO0_17 — General-purpose port 0 input/output 17.
A
ADC_9 — ADC input 9.
PIO0_18/ADC_8
61
47
31
[2]
I; HI-Z
IO
PIO0_18 — General-purpose port 0 input/output 18.
A
ADC_8 — ADC input 8.
PIO0_19/ADC_7
60
46
30
[2]
I; HI-Z
IO
PIO0_19 — General-purpose port 0 input/output 19.
A
ADC_7 — ADC input 7.
PIO0_20/ADC_6
58
45
29
[2]
I; HI-Z
IO
PIO0_20 — General-purpose port 0 input/output 20.
A
ADC_6 — ADC input 6.
PIO0_21/ADC_5
57
44
28
[2]
I; HI-Z
IO
PIO0_21 — General-purpose port 0 input/output 21.
A
ADC_5 — ADC input 5.
PIO0_22/ADC_4
55
43
27
[2]
I; HI-Z
IO
PIO0_22 — General-purpose port 0 input/output 22.
A
ADC_4 — ADC input 4.
PIO0_23/ADC_3/
ACMP_I4
51
39
26
[2]
I; HI-Z
IO
PIO0_23 — General-purpose port 0 input/output 23.
A
ADC_3 — ADC input 3.
A
ACMP_I4 — Analog comparator common input 4.
PIO0_24
28
20
14
[5]
I; HI-Z
IO
PIO0_24 — General-purpose port 0 input/output 24.
In ISP mode, this is the U0_RXD pin.
PIO0_25
27
19
13
[5]
I; HI-Z
IO
PIO0_25 — General-purpose port 0 input/output 25.
In ISP mode, this pin is the U0_TXD pin.
PIO0_26
23
18
12
[5]
I; HI-Z
IO
PIO0_26 — General-purpose port 0 input/output 26.
PIO0_27
21
17
11
[5]
I; HI-Z
IO
PIO0_27 — General-purpose port 0 input/output 27.
PIO0_28/
WKTCLKIN
10
7
5
[3]
I; HI-Z
IO
PIO0_28 — General-purpose port 0 input/output 28.
This pin can host an external clock for the
self-wake-up timer. To use the pin as a self-wake-up
timer clock input, select the external clock in the
wake-up timer CTRL register. The external clock
input is active in all power modes, including deep
power-down.
PIO0_29
50
38
-
[5]
I; HI-Z
IO
PIO0_29 — General-purpose port 0 input/output 29.
PIO0_30/ACMP_I5 54
42
-
[5]
I; HI-Z
IO
PIO0_30 — General-purpose port 0 input/output 30.
A
ACMP_I5 — Analog comparator common input 5.
PIO0_31
13
9
-
[5]
I; HI-Z
IO
PIO0_31 — General-purpose port 0 input/output 31.
PIO1_0
15
11
-
[5]
I; HI-Z
IO
PIO1_0 — General-purpose port 1 input/output 0.
PIO1_1
18
14
[5]
I; HI-Z
IO
PIO1_1 — General-purpose port 1 input/output 1.
Table 4.
Pin description
Symbol
Reset
state[1]
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com