Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC86X Datasheet(PDF) 53 Page - NXP Semiconductors

Part # LPC86X
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 49Page - NXP Semiconductors LPC86X Datasheet HTML 50Page - NXP Semiconductors LPC86X Datasheet HTML 51Page - NXP Semiconductors LPC86X Datasheet HTML 52Page - NXP Semiconductors LPC86X Datasheet HTML 53Page - NXP Semiconductors LPC86X Datasheet HTML 54Page - NXP Semiconductors LPC86X Datasheet HTML 55Page - NXP Semiconductors LPC86X Datasheet HTML 56Page - NXP Semiconductors LPC86X Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
53 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
11.4 Peripheral power consumption
The supply current per peripheral is measured as the difference in supply current between
the peripheral block enabled and the peripheral block disabled in the SYSAHBCLKCFG
and PDRUNCFG (for analog blocks) registers. All other blocks are disabled in both
registers and no code accessing the peripheral is executed. Measured on a typical
sample at Tamb =25 C.
The supply currents are shown for FRO clock frequencies of 24 MHz and 48 MHz.
Table 15.
Power consumption for individual analog and digital blocks
Peripheral
Typical supply current in μA
Notes
System clock frequency =
n/a
24 MHz
48 MHz
FRO
97
-
-
System oscillator running; PLL off;
independent of main clock frequency; FRO =
24 MHz. FRO output disabled.
System oscillator at 12 MHz
243
-
-
FRO running; PLL off; independent of main
clock frequency.
Low power oscillator
1
-
-
FRO; PLL off; independent of main clock
frequency.
BOD
37
-
-
Flash
273
-
-
Main PLL
222
-
-
FRO (24 MHz) running; Main clock running at
fro_div (12 MHz)
CLKOUT
-
102
189
Main clock divided by 4 in the CLKOUTDIV
register. Not connected to pin.
ROM
-
71
151
-
GPIO + pin interrupt/pattern
match
-
351
661
GPIO pins configured as outputs and set to
LOW. Direction and pin state are maintained if
the GPIO is disabled in the SYSAHBCLKCFG
register.
SWM
-
135
252
-
IOCON
-
174
326
-
FlexTimer0
-
473
906
-
FlexTimer1
338
645
MRT
-
162
303
-
WWDT
-
5494-
I2C0
-
100
183
-
I3C0
-
307
587
SPI0
-
63
111
-
SPI1
-
68
121
-
USART0
-
87
156
-
USART1
-
87
143
-
USART2
-
93
166
-
Comparator ACMP
-
61
104
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com