Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC86X Datasheet(PDF) 44 Page - NXP Semiconductors

Part # LPC86X
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 40Page - NXP Semiconductors LPC86X Datasheet HTML 41Page - NXP Semiconductors LPC86X Datasheet HTML 42Page - NXP Semiconductors LPC86X Datasheet HTML 43Page - NXP Semiconductors LPC86X Datasheet HTML 44Page - NXP Semiconductors LPC86X Datasheet HTML 45Page - NXP Semiconductors LPC86X Datasheet HTML 46Page - NXP Semiconductors LPC86X Datasheet HTML 47Page - NXP Semiconductors LPC86X Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
44 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
10. Thermal characteristics
The average chip junction temperature, Tj (C), can be calculated using the following
equation:
(1)
• Tamb = ambient temperature (C)
• Rth(j-a) = the package junction-to-ambient thermal resistance (C/W)
• PD = sum of internal and I/O power dissipation
The internal power dissipation is the product of IDD and VDD. The I/O power dissipation of
the I/O pins is often small and many times can be negligible. However, it can be significant
in some applications.
[1]
Determined in accordance with JEDEC JESD51-2A natural convection environment. Thermal resistance
data in this report is solely for a thermal performance comparison of one package to another in a
standardized specified environment. It is not meant to predict the performance of a package in an
application-specific environment.
[2]
Thermal test board meets JEDEC specifications for this package (JESD51-7).
[3]
Junction-to-Case thermal resistance determined using an isothermal cold plate. Case temperature refers to
the mold surface temperature at the package’s top side dead center.
[4]
Junction-to-Case (bottom) thermal resistance determined using an isothermal cold plate. Case temperature
refers to the package’s bottom surface temperature.
Tj
Tamb
PD Rth j a
–


+
=
Table 11.
Thermal resistance
Symbol Parameter
Board Type
Value
Unit
LQFP64 package
RθJA
Junction to Ambient Thermal Resistance[1]
JESD51-7, 2s2p
40
C/W
RθJC
Junction to Case (Top) Thermal Resistance[3]
JESD51-7, 1s
17
C/W
JT
Junction-to-Top of Package Thermal Characterization
Parameter[1]
JESD51-7, 2s2p
0.4
C/W
HVQFN48 package
RθJA
Junction to Ambient Thermal Resistance[1]
JESD51-7, 2s2p
27
C/W
RθJC
Junction to Case (Bottom) Thermal Resistance[4]
JESD51-7, 1s
2.4
C/W
JT
Junction-to-Top of Package Thermal Characterization
Parameter[1]
JESD51-7, 2s2p
0.2
C/W
HVQFN32 package
RθJA
Junction to Ambient Thermal Resistance[1]
JESD51-7, 2s2p
31
C/W
RθJC
Junction to Case (Bottom) Thermal Resistance[4]
JESD51-7, 1s
2.0
C/W
JT
Junction-to-Top of Package Thermal Characterization
Parameter[1]
JESD51-7, 2s2p
0.3
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com