Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC86X Datasheet(PDF) 46 Page - NXP Semiconductors

Part # LPC86X
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 42Page - NXP Semiconductors LPC86X Datasheet HTML 43Page - NXP Semiconductors LPC86X Datasheet HTML 44Page - NXP Semiconductors LPC86X Datasheet HTML 45Page - NXP Semiconductors LPC86X Datasheet HTML 46Page - NXP Semiconductors LPC86X Datasheet HTML 47Page - NXP Semiconductors LPC86X Datasheet HTML 48Page - NXP Semiconductors LPC86X Datasheet HTML 49Page - NXP Semiconductors LPC86X Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
46 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
11.2 Power-up ramp conditions
[1]
Assert the external reset pin until VDD is > 1.8 V if the power-up characteristic specification cannot be
implemented.
[2]
VDD to stay above V1 for the entire duration twd.
[3]
VDD to stay below V2 for the minimum duration of twd.
Table 13.
Power-up characteristics[1]
Tamb = 40 C to +105 C.
Symbol
Parameter
Min
Typ
Max
Unit
twd
Window duration
(time where
V1<VDD<V2)
--8
ms
V1
Window low voltage
[2] 1.4
-
-
V
V2
Window high voltage
[3] --1.8
V
t1: The time when there is no restriction on the ramp rate.
Fig 13. Power-up ramp
VDD
V2
0
twd
t1
V1
aaa-025788



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com