Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8752AB-AS Datasheet(PDF) 23 Page - Skyworks Solutions Inc.

Part # SI8752AB-AS
Description  Isolated FET Driver with Pin Control or Diode Emulator Inputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI8752AB-AS Datasheet(HTML) 23 Page - Skyworks Solutions Inc.

Back Button SI8752AB-AS Datasheet HTML 19Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 20Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 21Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 22Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 23Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 24Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 25Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 26Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 27Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
7. Land Patterns
7.1 Land Pattern: 8-Pin Narrow Body SOIC
The figure below illustrates the recommended land pattern details for the Si875x in an 8-pin narrow-body SOIC. The table below lists
the values for the dimensions shown in the illustration.
Figure 7.1. 8-Pin Narrow Body SOIC Land Pattern
Table 7.1. 8-Pin Narrow Body SOIC Land Pattern Dimensions
Dimension
Feature
(mm)
C1
Pad Column Spacing
5.40
E
Pad Row Pitch
1.27
X1
Pad Width
0.60
Y1
Pad Length
1.55
Notes:
1. This Land Pattern Design is based on IPC-7351 pattern SOIC127P600X173-8N for Density Level B (Median Land Protrusion).
2. All feature sizes shown are at Maximum Material Condition (MMC) and a card fabrication tolerance of 0.05 mm is assumed.
Si8751/52 Data Sheet • Land Patterns
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
23
206331A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 27, 2022
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com