Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8752AB-AS Datasheet(PDF) 12 Page - Skyworks Solutions Inc.

Part # SI8752AB-AS
Description  Isolated FET Driver with Pin Control or Diode Emulator Inputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI8752AB-AS Datasheet(HTML) 12 Page - Skyworks Solutions Inc.

Back Button SI8752AB-AS Datasheet HTML 8Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 9Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 10Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 11Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 12Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 13Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 14Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 15Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 16Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Table 4.5. VDE 0884 Insulation Characteristics1
Parameter
Symbol
Test Condition
Characteristic
Unit
Maximum Working Insulation Voltage
VIORM
630
V peak
Input to Output Test Voltage
VPR
Method b1
(VIORM x 1.875 = VPR, 100%
Production Test, tm = 1 sec,
Partial Discharge < 5 pC)
1181
V peak
Transient Overvoltage
VIOTM
t = 60 sec
4000
V peak
Surge Voltage
VIOSM
Tested per IEC 60065 with surge
voltage of 1.2 µs/50 µs
Si875x tested with 4000 V
3077
Vpeak
Pollution Degree
(DIN VDE 0110, Table 1)
2
Insulation Resistance at
TS, VIO = 500 V
RS
>109
Ω
Note:
1. Maintenance of the safety data is ensured by protective circuits. The Si875x provides a climate classification of 40/125/21.
Table 4.6. IEC Safety Limiting Values1
Parameter
Symbol
Test Condition
SOIC-8
Unit
Safety Temperature
TS
150
°C
Safety Input Current
(Si8751)
ΙS
θJA = 110 °C/W
VDD = 5.5 V,
TJ = 150 °C,
TA = 25 °C
206
mA
θJA = 110 °C/W
VDD = 3.63 V,
TJ = 150 °C,
TA = 25 °C
313
mA
θJA = 110 °C/W
VDD = 2.75 V,
TJ = 150 °C,
TA = 25 °C
413
mA
Safety Input Current
(Si8752)
ΙS
θJA = 110 °C/W
VF = 2.5 V,
TJ = 150 °C,
TA = 25 °C
454
mA
Si8751/52 Data Sheet • Electrical Specifications
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
12
206331A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 27, 2022
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com