Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8752AB-AS Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SI8752AB-AS
Description  Isolated FET Driver with Pin Control or Diode Emulator Inputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI8752AB-AS Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SI8752AB-AS Datasheet HTML 2Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 3Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 4Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 5Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 6Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 7Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 8Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 9Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
2.5 Output Description
The output of the Si875x device develops a positive voltage on the GATE pin with respect to the SOURCE pin. This voltage is used to
turn on a typical field effect transistor (FET). Because power is transmitted across the isolation barrier, no isolated supply is required.
This can be used to drive a FET configured as a switch for a dc load. It can also be used to drive a pair of FETs configured as a switch
for an ac load. See 3. Applications.
2.6 Miller Clamp
2.6.1 Miller Clamp Description
The Si875x devices provide a clamping device to prevent unintended turn on of the external FET when a high dV/dt is present on the
FET’s drain. To use this feature, a capacitor is connected between the drain(s) of the FET(s) and one of the MCAPx inputs. A sudden,
positive slope on this pin will cause the clamp device within the Si875x to activate and provide a low impedance path between the gate
and source pins. This will prevent the FET from being unintentionally turned on.
The Si875x device provides two miller clamp input pins. This allows for both FET’s to be protected from unintended turn on when the
device is used in an AC switch configuration. In this case each drain is connected to an MCAPx input through a capacitor.
Connection to a MCAPx pin, and use of the Miller Clamp feature, is optional. The device will function as expected if these pins are left
unconnected.
2.6.2 Sizing Miller Clamp Capacitors
The recommended value of the capacitor used to connect the drain of the external FET to the Si875x device is typically 10 pf. If the
application has a very large dV/dt and the clamp is not adequately keeping the external FET off, then this capacitor value can be
increased up to 100 pf. The voltage rating of the capacitor should be greater than or equal to the peak voltage expected at the drain
of the FET. The relationship of the capacitor and the dV/dt is governed by the equation: C = IMC/(dV/dt); where: IMC is the Miller Clamp
input current (6mA max, as specified in Electrical Tables), and dV/dt is the expected slew rate.
Si8751/52 Data Sheet • System Overview
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
206331A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 27, 2022
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com